Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4403B Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 2N4403B
Description  PNP GENERAL PURPOSE SWITCHING TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N4403B Datasheet(HTML) 1 Page - Pan Jit International Inc.

  2N4403B Datasheet HTML 1Page - Pan Jit International Inc. 2N4403B Datasheet HTML 2Page - Pan Jit International Inc. 2N4403B Datasheet HTML 3Page - Pan Jit International Inc. 2N4403B Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N4403
FEATURES
PNP epitaxial silicon, planar design
Collector-emitter voltage VCE = -40V
Collector current IC =-600mA
Complimentary (NPN) device: 2N4401
MECHANICAL DATA
Case: TO-92
Terminals: Solderable per MIL-STD-202, Method 208
Approx Weight: 0.02 grams
Marking: 4403
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Collector - Emitter Voltage
VCE0
-40
V
Collector - Base Voltage
VCB0
-40
V
Emitter – Base Voltage
VEB0
-5.0
V
Collector Current - Continuous
IC
-600
mA
Max Power Dissipation (Note 1)
PTOT
625
mW
Junction and Storage Temperature Range
TJ, TSTG
-55 to 150
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
Thermal Resistance , Junction to Ambient (Note 1)
RθJ A
200
/W
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in. using minimum recommended pad.
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
VOLTAGE
POWER
40V
625mW
TO-92
1
2
3
TO-92
1
2
3
2
BASE
3
COLLECTOR
1
EMITTER
PNP
2
BASE
3
COLLECTOR
1
EMITTER
2
BASE
3
COLLECTOR
1
EMITTER
PNP


Similar Part No. - 2N4403B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4403BU FAIRCHILD-2N4403BU Datasheet
75Kb / 8P
   PNP General Purpose Amplifier
More results

Similar Description - 2N4403B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2N3906 PANJIT-2N3906 Datasheet
157Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
   PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
logo
Diotech Company.
MMBT3906 DIOTECH-MMBT3906 Datasheet
2Mb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906-AU PANJIT-MMBT3906-AU Datasheet
312Kb / 6P
   PNP GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com