Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1ZLU131560200 Datasheet(PDF) 5 Page - Bookham, Inc.

Part # CB1ZLU131560200
Description  Banded Skip Filters for 100GHz Add/Drop Multiplexing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

CB1ZLU131560200 Datasheet(HTML) 5 Page - Bookham, Inc.

  CB1ZLU131560200 Datasheet HTML 1Page - Bookham, Inc. CB1ZLU131560200 Datasheet HTML 2Page - Bookham, Inc. CB1ZLU131560200 Datasheet HTML 3Page - Bookham, Inc. CB1ZLU131560200 Datasheet HTML 4Page - Bookham, Inc. CB1ZLU131560200 Datasheet HTML 5Page - Bookham, Inc. CB1ZLU131560200 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet
5
Channel Plans:
CWL (nm)
CWL (THz)
Banded (Skipped) Channels
4s0
1565.900
191.450
Ch’s 13, 14, 15, 16
1562.640
191.850
Ch’s 17, 18, 19, 20
1559.390
192.250
Ch’s 21, 22, 23, 24
1556.150
192.650
Ch’s 25, 26, 27, 28
1552.930
193.050
Ch’s 29, 30, 31, 32
1549.720
193.450
Ch’s 33, 34, 35, 36
1546.520
193.850
Ch’s 37, 38, 39, 40
1543.330
194.250
Ch’s 41, 42, 43, 44
1540.160
194.650
Ch’s 45, 46, 47, 48
1537.000
195.050
Ch’s 49, 50, 51, 52
1533.860
195.450
Ch’s 53, 54, 55, 56
1530.720
195.850
Ch’s 57, 58, 59, 60
4s1
1567.540
191.250
Ch’s 11, 12, 13, 14
1563.450
191.750
Ch’s 16, 17, 18, 19
1559.390
192.250
Ch’s 21, 22, 23, 24
1555.340
192.750
Ch’s 26, 27, 28, 29
1551.320
193.250
Ch’s 31, 32, 33, 34
1547.320
193.750
Ch’s 36, 37, 38, 39
1543.330
194.250
Ch’s 41, 42, 43, 44
1539.370
194.750
Ch’s 46, 47, 48, 49
1535.430
195.250
Ch’s 51, 52, 53, 54
1531.510
195.750
Ch’s 56, 57, 58, 59
8s0
1558.578
192.35
Ch’s 20, 21, 22, 23, 24, 25, 25, 27
1552.122
193.15
Ch’s 28, 29, 30, 31, 32, 33, 34, 35
1545.720
193.95
Ch’s 36, 37, 38, 39, 40, 41, 42, 43
1539.371
194.75
Ch’s 44, 45, 46, 47, 48, 49, 50, 51
1533.073
195.55
Ch’s 52, 53, 54, 55, 56, 57, 58, 59
10s0
1557.768
192.45
Ch’s 20, 21, 22, 23, 24, 25, 25, 27, 28, 29
1549.715
193.45
Ch’s 30, 31, 32, 33, 34, 35, 36, 37, 38, 39
1541.746
194.45
Ch’s 40, 41, 42, 43, 44, 45, 46, 47, 48, 49
1533.858
195.45
Ch’s 50, 51, 52, 53, 54, 55, 56, 57, 58, 59


Similar Part No. - CB1ZLU131560200

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1ZLU131560200 BOOKHAM-CB1ZLU131560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
More results

Similar Description - CB1ZLU131560200

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1SLU111560200 BOOKHAM-CB1SLU111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
MXWL04010315 BOOKHAM-MXWL04010315 Datasheet
169Kb / 3P
   4 Band (10-skip-0) Optical Add/Drop Multiplexer for 40 Channel systems
logo
JDS Uniphase Corporatio...
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
JDS Uniphase Corporatio...
ADM-1F2721010 JDSU-ADM-1F2721010 Datasheet
92Kb / 4P
   Filter Add/Drop Module 100 GHz Spacing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com