Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP48 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 15KP48
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

15KP48 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  15KP48 Datasheet HTML 1Page - Pan Jit International Inc. 15KP48 Datasheet HTML 2Page - Pan Jit International Inc. 15KP48 Datasheet HTML 3Page - Pan Jit International Inc. 15KP48 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-JUN.23.2004
15KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
NOTES:
1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°Cper Fig. 2.Mounted on Copper Leaf area of 0.79 in2(20mm2).
3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
FEATURES
• Plastic package has Underwriters Laboratory Flammability Classification 94V-O
• Glass passivated chip junction in P-600 package
• 15000W Peak Pulse Power capability on 10/1000µs waveform
• Excellent clamping capability
• Low incremental surge resistance
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
MECHANICALDATA
Case: JEDEC P-600 Molded plastic
Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes positive end (cathode )
Mounting Position: Any
Weight: 0.07 ounce, 2.1 gram
DEVICES FOR BIPOLARAPPLICATIONS
For Bidirectional use C or CA Suffix for types
Electrical characteristics apply in both directions.
MAXIMUM RATINGSAND CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
.052(1.3)
.360(9.1)
.340(8.6)
.048(1.2)
P-600
Unit: inch(mm)
DATA SHEET
VOLTAGE
17 to 220 Volts
POWER
15000 Watts
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
1
e
t
o
N
(
m
r
o
f
e
v
a
w
s
0
0
0
1
/
0
1
n
o
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
s
l
u
P
k
a
e
P
PPPM
0
0
0
5
1s
t
t
a
W
)
1
e
t
o
N
(
m
r
o
f
e
v
a
w
s
0
0
0
1
/
0
1
n
o
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
IPPM
1
E
L
B
A
T
E
E
Ss
p
m
A
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
t
a
t
S
y
d
a
e
t
S
L
0
5
=
O
)
2
e
t
o
N
(
)
m
m
5
.
9
(
,
"
5
7
3
.
s
h
t
g
n
e
L
d
a
e
L
CPM(AV)
0
1s
p
m
A
d
e
s
o
p
m
i
r
e
p
u
S
e
v
a
W
-
e
n
i
S
f
l
a
H
e
l
g
n
i
S
s
m
3
.
8
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
3
e
t
o
N
(
)
d
o
h
t
e
M
D
E
C
E
J
(
d
a
o
L
d
e
t
a
R
n
o
I FSM
0
0
4s
p
m
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ,TSTG
5
7
1
+
o
t
5
5
-
OC


Similar Part No. - 15KP48

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP48 EIC-15KP48 Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
15KP48 MICROSEMI-15KP48 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Protek Devices
15KP48 PROTEC-15KP48 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
logo
List of Unclassifed Man...
15KP48 ETC-15KP48 Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Protek Devices
15KP48 PROTEC-15KP48 Datasheet
483Kb / 7P
   15kW power tvs component
More results

Similar Description - 15KP48

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com