Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HE83R143 Datasheet(PDF) 7 Page - King blillion Electronics Co.,Ltd.

Part # HE83R143
Description  8-BIT MICRO-CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R143 Datasheet(HTML) 7 Page - King blillion Electronics Co.,Ltd.

Back Button HE83R143 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83R143 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83R143 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83R143 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83R143 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83R143 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83R143 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83R143 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83R143 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
HE83R143
HE80000 SERIES
7
V1.02E
H. DC/AC Characteristics
Absolute Maximum Rating
Item
Sym.
Rating
Condition
Supply Voltage
Vdd
-0.5V ~ 8V
Input Voltage
Vin
-0.5V ~ Vdd+0.5V
Output Voltage
Vo
-0.5V ~ Vdd+0.5V
Operating Temperature
Top
00C ~ 700C
Storage Temperature
Tst
-500C ~ 1000C
Recommended Operating Conditions
Item
Sym.
Rating
Condition
Supply Voltage
Vdd
2.4V ~ 5.5V
Vih
0.9 Vdd ~ Vdd
Input Voltage
Vil
0.0V ~ 0.1Vdd
8MHz
Vdd =5.0V
Operating Frequency
Fmax
4MHz
Vdd =2.4V
Operating Temperature
Top
00C ~ 700C
Storage Temperature
Tst
-500C ~ 1000C


Similar Part No. - HE83R143

ManufacturerPart #DatasheetDescription
King blillion Electronics Co.,Ltd.
King blillion Electroni...
HE83R141 KB-HE83R141 Datasheet
300Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83R142 KB-HE83R142 Datasheet
297Kb / 11P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - HE83R143

ManufacturerPart #DatasheetDescription
Micon Design Technology Corporation
Micon Design Technology...
MDT10P43 MDTIC-MDT10P43_04 Datasheet
345Kb / 10P
   8-bit Micro-controller
MDT2010JG MDTIC-MDT2010JG Datasheet
126Kb / 15P
   8-bit micro-controller
MDT10P716 MDTIC-MDT10P716 Datasheet
137Kb / 16P
   8-bit micro-controller
MDT10P10BG MDTIC-MDT10P10BG Datasheet
132Kb / 16P
   8-bit micro-controller
SyncMOS Technologies,Inc
SyncMOS Technologies,In...
SM59R16A2 SYNCMOS-SM59R16A2 Datasheet
651Kb / 67P
   8-Bit Micro-controller
Megawin Technology Co., Ltd
Megawin Technology Co.,...
MPC82X54A MEGAWIN-MPC82X54A Datasheet
1Mb / 74P
   8-bit micro-controller
MPC89E58A MEGAWIN-MPC89E58A Datasheet
240Kb / 36P
   8-bit micro-controller
King blillion Electronics Co.,Ltd.
King blillion Electroni...
HE83120 KB-HE83120 Datasheet
254Kb / 10P
   8-BIT MICRO-CONTROLLER
HE83123 KB-HE83123 Datasheet
233Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83135 KB-HE83135 Datasheet
262Kb / 11P
   8-BIT MICRO-CONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com