Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-C Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3S-C
Description  Oil-resistive, long-distance photoelectric sensor (metal case)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-C Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3S-C Datasheet HTML 2Page - Omron Electronics LLC E3S-C Datasheet HTML 3Page - Omron Electronics LLC E3S-C Datasheet HTML 4Page - Omron Electronics LLC E3S-C Datasheet HTML 5Page - Omron Electronics LLC E3S-C Datasheet HTML 6Page - Omron Electronics LLC E3S-C Datasheet HTML 7Page - Omron Electronics LLC E3S-C Datasheet HTML 8Page - Omron Electronics LLC E3S-C Datasheet HTML 9Page - Omron Electronics LLC E3S-C Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
A-153
E3S-C
Optical axis position of through-beam model
Unlike the conventional product, the through-beam model has
two lenses, but the one actually used is as shown below.
When fitting the slit, use it after matching the slit hole with the
used lens.
(Horizontal model) (Vertical model)
Water Resistance
To ensure water resistance, tighten the operation panel cover
screws to 0.34 Nm to 0.54 Nm torque.
Miscellaneous
Oil resistance/chemical resistance
• Though E3S-C has a high oil resistance, it may not be able
to exhibit its performance depending on the oil type. Use oil
in compliance with the following table.
• Regarding the oil resistance of E3S-C, it has passed tests
on the oils given in the following table. Refer to the table for
examining the oil to be used.
Note: 1 . The E3S-C was immersed in the oils in the above table at 50°C for 240
hours, and passed the test of 100-M
W or more insulation resistance.
2 . For use in the environment where the E3S-C is exposed to the oil other
than those in the above table, use the dynamic viscosity and PH in the
above table. Pre-examine the oils since the sensor may be affected by
additives and like in the oils.
Dimensions (Unit: mm)
Sensors
Lens in use.
The slit must be on this side.
Lens not in use.
Lens in use.
Lens not in use.
Testing
oil classi-
fication
JIS classi-
fication
Product name
Dynamic vis-
cosity (mm2/s)
at 40°C
PH
Lubricant
---
Velocity No. 3
2.02
---
Water-in-
soluble
coolant
Class 2
No. 5
Daphne Cut
Not less than
10 to less than
50
Class 2
No. 11
Yushiron Oil No. 2ac
Less than 10
Water-
soluble
coolant
Class W1
No. 1
Yushiroken EC50T-3
---
7 to 9.5
Yushiron Lubic HWC68
7 to 9.9
Class W1
No. 2
Gryton 1700D
7 to 9.2
Class W2
No. 1
Yushiroken S50N
7 to 9.8
50
* 2
Light indicator (red)
Stability
indicator
(green)
22.2
9.2
4.2
6.2
38.2
8.3
29.5
17.3
25.4
20.8
2.2
4
18
9.3
23
Lens (17 x 11)
Optical axis
1.5
2-M4
Stainless steel
(SUS304)
4.2
20
M3 x 5
Vinyl-insulated round cable with
three conductors, 4 dia.
(18 x 0.12 dia.); standard length: 0.3 m
M12 x 1
20.4
20
25.4
2-M4
16 dia.
18.5
(A)*
1
* Note: 1. Mounting bracket can be attached to side A.
2. The emitter for through-beam sensors have only the power supply indicator.
3. The cable for emitters for through-beam sensors is two-conductor, 4 dia. (27 x 12 dia.).
Vinyl-insulated round cable with
three conductors, 4 dia.
(18 x 0.12 dia.); standard length: 2 m * 3
With mounting bracket
Mounting holes
Junction connector models (-M1J)
Through-beam model (horizontal model)
E3S-CT11(-M1J)
Model
CAD file
E3S-CT11 (Emitter)
E3S_08
E3S-CT11 (Receiver)
E3S_05
E3S-CT11-M1J
E3S_10
Emitter: E3S-CT##-L
Receiver: E3S-CT##-D


Similar Part No. - E3S-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-C OMRON-E3S-C Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3S-C OMRON-E3S-C Datasheet
651Kb / 14P
   Long Range Metal Body Sensor
E3S-CD11 OMRON-E3S-CD11 Datasheet
651Kb / 14P
   Long Range Metal Body Sensor
E3S-CD11-M1 OMRON-E3S-CD11-M1 Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3S-CD112M OMRON-E3S-CD112M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
More results

Similar Description - E3S-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CL OMRON-E3S-CL Datasheet
677Kb / 10P
   Distance-settable Photoelectric Sensor with Metal Case
08/12
E3SCT11D5M OMRON-E3SCT11D5M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
logo
Contrinex AG Industrial...
DTL-C23PB-TMS-139-501 CONTRINEX-DTL-C23PB-TMS-139-501 Datasheet
259Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-129 CONTRINEX-DTR-C23PB-TMS-129 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-139 CONTRINEX-DTR-C23PB-TMS-139 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TLS-139 CONTRINEX-DTR-C23PB-TLS-139 Datasheet
187Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-502 CONTRINEX-DTL-C55PA-TMS-119-502 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com