Electronic Components Datasheet Search |
|
E3S-CD11 Datasheet(PDF) 8 Page - Omron Electronics LLC |
|
E3S-CD11 Datasheet(HTML) 8 Page - Omron Electronics LLC |
8 / 10 page A-153 E3S-C Optical axis position of through-beam model Unlike the conventional product, the through-beam model has two lenses, but the one actually used is as shown below. When fitting the slit, use it after matching the slit hole with the used lens. (Horizontal model) (Vertical model) Water Resistance To ensure water resistance, tighten the operation panel cover screws to 0.34 Nm to 0.54 Nm torque. Miscellaneous Oil resistance/chemical resistance • Though E3S-C has a high oil resistance, it may not be able to exhibit its performance depending on the oil type. Use oil in compliance with the following table. • Regarding the oil resistance of E3S-C, it has passed tests on the oils given in the following table. Refer to the table for examining the oil to be used. Note: 1 . The E3S-C was immersed in the oils in the above table at 50°C for 240 hours, and passed the test of 100-M W or more insulation resistance. 2 . For use in the environment where the E3S-C is exposed to the oil other than those in the above table, use the dynamic viscosity and PH in the above table. Pre-examine the oils since the sensor may be affected by additives and like in the oils. Dimensions (Unit: mm) Sensors Lens in use. The slit must be on this side. Lens not in use. Lens in use. Lens not in use. Testing oil classi- fication JIS classi- fication Product name Dynamic vis- cosity (mm2/s) at 40°C PH Lubricant --- Velocity No. 3 2.02 --- Water-in- soluble coolant Class 2 No. 5 Daphne Cut Not less than 10 to less than 50 Class 2 No. 11 Yushiron Oil No. 2ac Less than 10 Water- soluble coolant Class W1 No. 1 Yushiroken EC50T-3 --- 7 to 9.5 Yushiron Lubic HWC68 7 to 9.9 Class W1 No. 2 Gryton 1700D 7 to 9.2 Class W2 No. 1 Yushiroken S50N 7 to 9.8 50 * 2 Light indicator (red) Stability indicator (green) 22.2 9.2 4.2 6.2 38.2 8.3 29.5 17.3 25.4 20.8 2.2 4 18 9.3 23 Lens (17 x 11) Optical axis 1.5 2-M4 Stainless steel (SUS304) 4.2 20 M3 x 5 Vinyl-insulated round cable with three conductors, 4 dia. (18 x 0.12 dia.); standard length: 0.3 m M12 x 1 20.4 20 25.4 2-M4 16 dia. 18.5 (A)* 1 * Note: 1. Mounting bracket can be attached to side A. 2. The emitter for through-beam sensors have only the power supply indicator. 3. The cable for emitters for through-beam sensors is two-conductor, 4 dia. (27 x 12 dia.). Vinyl-insulated round cable with three conductors, 4 dia. (18 x 0.12 dia.); standard length: 2 m * 3 With mounting bracket Mounting holes Junction connector models (-M1J) Through-beam model (horizontal model) E3S-CT11(-M1J) Model CAD file E3S-CT11 (Emitter) E3S_08 E3S-CT11 (Receiver) E3S_05 E3S-CT11-M1J E3S_10 Emitter: E3S-CT##-L Receiver: E3S-CT##-D |
Similar Part No. - E3S-CD11 |
|
Similar Description - E3S-CD11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |