Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-CD12 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3S-CD12
Description  Oil-resistive, long-distance photoelectric sensor (metal case)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-CD12 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3S-CD12 Datasheet HTML 2Page - Omron Electronics LLC E3S-CD12 Datasheet HTML 3Page - Omron Electronics LLC E3S-CD12 Datasheet HTML 4Page - Omron Electronics LLC E3S-CD12 Datasheet HTML 5Page - Omron Electronics LLC E3S-CD12 Datasheet HTML 6Page - Omron Electronics LLC E3S-CD12 Datasheet HTML 7Page - Omron Electronics LLC E3S-CD12 Datasheet HTML 8Page - Omron Electronics LLC E3S-CD12 Datasheet HTML 9Page - Omron Electronics LLC E3S-CD12 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
A-155
E3S-C
Accessories (Order Separately)
20
57
Emitter
Receiver
9
5
2.4
20.8
Optical axis
22.2
12.9
4.2
4.2
9.2
4.2
12.9
20
25.4
31
43.8
1.5
12
32.2
2.2
7.2
Stability indicator (green)
Light indicator (red)
20.2
2-M4
5.8
23
(A) * 1
M3 x 5
23.2
Lens (17 x 11)
M12 x 1
20.4
25.4
2-M4
16 dia.
* Note: Mounting bracket can be attached to side A.
Stainless steel (SUS304)
Vinyl-insulated round cable with
three conductors, 4 dia.
(18 x 0.12 dia.); standard length: 0.3 m
Vinyl-insulated round cable with three conductors,
4 dia. (18 x 0.12 dia.); standard length: 2 m * 3
Junction connector models (-M1J)
With mounting bracket
Mounting holes
Model
CAD file
E3S-CR61
E3S-CD61
E3S-CD62
E3S_02
E3S-CR61-M1J
E3S-CD61-M1J
E3S-CD62-M1J
E3S_04
Retro/diffuse reflective model (vertical model)
E3S-CR61(-M1J)
E3S-CD61(-M1J)
E3S-CD62(-M1J)
A
20.1
0.2
3.8
6.2 11.8
1
11
6.5
20
Plug-in type long slit (for through-beam model )
E39-S61
Dimension A
(mm)
Material
Quantity
0.5
Stainless
steel
(SUS 304)
1 each for emitter
and receiver
(total of 8 pcs.)
1
2
4


Similar Part No. - E3S-CD12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CD12 OMRON-E3S-CD12 Datasheet
651Kb / 14P
   Long Range Metal Body Sensor
E3S-CD12-M1 OMRON-E3S-CD12-M1 Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3S-CD122M OMRON-E3S-CD122M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
More results

Similar Description - E3S-CD12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CL OMRON-E3S-CL Datasheet
677Kb / 10P
   Distance-settable Photoelectric Sensor with Metal Case
08/12
E3SCT11D5M OMRON-E3SCT11D5M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
logo
Contrinex AG Industrial...
DTL-C23PB-TMS-139-501 CONTRINEX-DTL-C23PB-TMS-139-501 Datasheet
259Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-129 CONTRINEX-DTR-C23PB-TMS-129 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-139 CONTRINEX-DTR-C23PB-TMS-139 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TLS-139 CONTRINEX-DTR-C23PB-TLS-139 Datasheet
187Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-502 CONTRINEX-DTL-C55PA-TMS-119-502 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com