Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1451 Datasheet(PDF) 2 Page - FCI connector

Part # 1451
Description  System Sensor Ionization Smoke Detector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

1451 Datasheet(HTML) 2 Page - FCI connector

  1451 Datasheet HTML 1Page - FCI connector 1451 Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WARNING: To prevent detector contamination dur-
ing construction, smoke detectors must be protected
from dust and contamination until the area is clean
and dust free. see NFPA 72 -5-3.7.1.3.
Ordering Information
Part Number
Description
1451
Ionization Detector
Alarm Current
B401B
Base, two-wire
Supervisory
Current
.
00012 A
Alarm Current
B402B
Base, four-wire, 24 VDC operation
Supervisory
Current
.00012 A
Alarm Current
.036 A
Contacts
Form A, C*
301B4AC
Base, four-wire, 120 VAC operation
Contacts
Form A, C* & Supv.
RA-400
Remote alarm indicator
Alarm Current
.007 A
PAM-1
End-of-line relay, 24 VDC
Alarm Current
.015 A
Contacts
Form B
Test kit
*Resistive load
(contact ratings):
Form A - 2.0 A @ 30 VAC/DC
Form C - 2.0 A @ 30 VAC/DC, 1.0 A
@ 120 VAC
‡Note: Alarm current of detector is limited by control panel
initiating device circuit.
Mounting
• On a 4 inch square box with or without plaster ring or
supplied adapter. Minimum depth 1.5 inches.
• On a 3.5 or 4 inch octagonal box. Minimum depth 1.5
inches.
• On a single gang box. Min. depth 1.5 inches.
Installation
Place the detector into the detector base. Turn the detec-
tor clockwise until the detector locks into place.
To use the tamper-proof feature, break the smaller tab on
the scribed line in the tamper proof tab located on the
detector mounting bracket. Install the detector. To remove
the detector from the base when using the tamper-proof
feature, insert the blade of a small screwdriver into the
hole on the side of the base and push the plastic lever
away from the detector head. This will allow the detector
to be rotated counterclockwise for removal.
Note: The decorative ring must be removed in order to
remove the head when using the tamper-proof feature.
The tamper-proof feature may be defeated permanently
by breaking the plastic lever off the base.
Note: The number of two-wire smoke detectors which can
be accommodated per zone varies with different control
panels. Consult the control panel instruction manual to
determine the capacity.
Refer to NFPA 72, Chapter 5-3, “Smoke Sensing Fire
Detectors” for spacing, location of detectors and other
guidelines.
Testing
Detectors may be tested in the following ways:
• Place a test magnet against the cover opposite the test
module socket. (See illustration). The detector should
go into alarm within 5 seconds.
• Field metering of detector sensitivity may be performed
with the aid of a voltmeter and Test Kit MOD 400R. For
the complete procedure, refer to the Installation and
Maintenance Instructions furnished with each detector.
Maintenance
Cleaning programs should be adapted to the individual
environment. We recommend at least, an annual cleaning
of the unit. The detector screen and cover assembly can
be removed, revealing the sensing chamber. A vacuum
cleaner can be used to remove dust from the screen,
cover and sensing chamber. For the complete procedure,
refer to the Installation and Maintenance Instructions fur-
nished with each detector.
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
9020-0584 Rev. B page 2 of 2
Views Showing Position of Test Magnet


Similar Part No. - 1451

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
1451 SYSTEMSENSOR-1451 Datasheet
207Kb / 4P
   Plug-in Smoke Detector
logo
Alpha Wire
1451/16 ALPHAWIRE-1451/16 Datasheet
97Kb / 4P
   Customer Specification
12/5/2022
logo
Heyco.
14510 HEYCO-14510 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Adels-Contact
145102 ADELS-145102 Datasheet
118Kb / 2P
   AC 162 STS/ 2 LED grey
30/12/2019
logo
Heyco.
14511 HEYCO-14511 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
More results

Similar Description - 1451

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
logo
Allegro MicroSystems
A5350 ALLEGRO-A5350 Datasheet
287Kb / 10P
   Ionization Smoke Detector with Interconnect
logo
Systemsensor advanced i...
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
   Intelligent Addressable Plug-In Ionization Smoke Detector
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com