Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMD2214SS Datasheet(PDF) 9 Page - International Rectifier

Part # IRMD2214SS
Description  For 3-phase / 380V motor drives
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMD2214SS Datasheet(HTML) 9 Page - International Rectifier

Back Button IRMD2214SS Datasheet HTML 5Page - International Rectifier IRMD2214SS Datasheet HTML 6Page - International Rectifier IRMD2214SS Datasheet HTML 7Page - International Rectifier IRMD2214SS Datasheet HTML 8Page - International Rectifier IRMD2214SS Datasheet HTML 9Page - International Rectifier IRMD2214SS Datasheet HTML 10Page - International Rectifier IRMD2214SS Datasheet HTML 11Page - International Rectifier IRMD2214SS Datasheet HTML 12Page - International Rectifier IRMD2214SS Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Datasheet rev 2.1
IRMD2214SS
www.irf.com
page
9/22
Sep 9th, 2004
V
CC
DSL1
VG
VE
COM1
desat diode
VC
FAULT LOGIC
management
SSDL1
COMPARE with
V
DESAT
LON1
LOP1
COM2
FAULT LOGIC
management
SSDL2
LON2
LOP2
COM3
FAULT LOGIC
management
SSDL3
LON3
LOP3
FAULT/SD
SYNC_FLT
FAULT/SD
SYNC_FLT
FAULT/SD
SYNC_FLT
(input) FAULT
(output) SD
IR22141SS
U3
IR22141SS
U2
IR22141SS
U1
SSDH3
HON3
HOP3
SSDH2
HON2
HOP2
SSDH1
HON1
HOP1
red
LED
(Connector J1)
Figure 5: Three phase connection
DSL1
VGE
VCE
SSDL1
LON1
LOP1
LON3
LOP3
FAULT/SD
SYNC_FLT
HON2
HOP2
V
DESAT
three state
three state
three state
three state
three state
freeze state
freeze state
three state
three state
three state
freeze state
freeze state
Figure 6: Example of a desaturation detection event
Multilevel board solution
With the optional shunt resistor the IRMD2214SS driver board can be connected with the IRCS2277S
current sensing board through J1 and P1, P2, and P3 connectors. More information available with
IRCS2277S board datasheet.


Similar Part No. - IRMD2214SS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMD22141SS IRF-IRMD22141SS Datasheet
1Mb / 22P
   Demo Board For 3-phase / 380V motor drives
More results

Similar Description - IRMD2214SS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMD22141SS IRF-IRMD22141SS Datasheet
1Mb / 22P
   Demo Board For 3-phase / 380V motor drives
IRMD2231Q IRF-IRMD2231Q Datasheet
791Kb / 25P
   Demo Board For 3-phase / 380V motor drives
logo
STMicroelectronics
STGIB15CH60TS-E STMICROELECTRONICS-STGIB15CH60TS-E Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIB15CH60TS-L STMICROELECTRONICS-STGIB15CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIPL30C60-H STMICROELECTRONICS-STGIPL30C60-H Datasheet
1Mb / 24P
   3-phase inverters for motor drives
July 2013 Rev 4
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
   3-phase inverters for motor drives
STGIPS15C60T-H STMICROELECTRONICS-STGIPS15C60T-H Datasheet
640Kb / 19P
   3-phase inverters for motor drives
STGIF5CH60TS-E STMICROELECTRONICS-STGIF5CH60TS-E Datasheet
648Kb / 22P
   3-phase inverters for motor drives
STGIPS15C60 STMICROELECTRONICS-STGIPS15C60 Datasheet
611Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIF10CH60TS-L STMICROELECTRONICS-STGIF10CH60TS-L Datasheet
490Kb / 25P
   3-phase inverters for motor drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com