Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807-25 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BC807-25
Description  PNP GENERAL PURPOSE TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC807-25 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BC807-25 Datasheet HTML 1Page - Pan Jit International Inc. BC807-25 Datasheet HTML 2Page - Pan Jit International Inc. BC807-25 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-SEP.24.2005
BC807 SERIES
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
PNP GENERAL PURPOSE TRANSISTORS
VOLTAGE
45 Volts
225 mWatts
FEATURES
• General purpose amplifier applications
• PNP epitaxial silicon, planar design
• Collector current I
C = 500mA
• Pb free product are available : 99% Sn above can meet RoHS
environment substance directive request
MECHANICAL DATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.008 gram
Device Marking : BC807-16 : 7A
BC807-25 : 7B
BC807-40 : 7C
POWER
THERMAL CHARACTERISTICS
MAXIMUM RATINGS
Note 1 : Transistor mounted on FR-5 board 1.0x0.75x0.062 in
R
E
T
E
M
A
R
A
PL
O
B
M
Y
Se
u
l
a
VT
I
N
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
CV O
E
C
5
4
-v
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
CV O
B
C
0
5
-v
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
EV O
B
E
0
.
5
-v
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
5
-A
m
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
x
a
MP T
O
T
5
2
2W
m
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
e
g
n
a
R
TJ T
,
G
T
S
0
5
1
o
t
5
5
-
oC
R
E
T
E
M
A
R
A
PL
O
B
M
Y
Se
u
l
a
VT
I
N
U
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TRθ A
J
6
5
5
o
W
/
C
1
Base
3
Collector
2
Emitter
1
BASE
3
COLLECTOR
2
EMITTER
Top View


Similar Part No. - BC807-25

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BC807-25 GE-BC807-25 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
NXP Semiconductors
BC807-25 PHILIPS-BC807-25 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Diodes Incorporated
BC807-25 DIODES-BC807-25 Datasheet
311Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 15 - 2
logo
Allied Components Inter...
BC807-25 ALLIED-BC807-25 Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Micro Commercial Compon...
BC807-25 MCC-BC807-25 Datasheet
331Kb / 3P
   PNP Silicon General Purpose Transistors
More results

Similar Description - BC807-25

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com