Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847AW Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BC847AW
Description  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847AW Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BC847AW Datasheet HTML 1Page - Pan Jit International Inc. BC847AW Datasheet HTML 2Page - Pan Jit International Inc. BC847AW Datasheet HTML 3Page - Pan Jit International Inc. BC847AW Datasheet HTML 4Page - Pan Jit International Inc. BC847AW Datasheet HTML 5Page - Pan Jit International Inc. BC847AW Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
STAD-JUL.06.2004
ELECTRICAL CHARACTERISTICS CURVE (BC846A
W,BC847AW,BC848AW)
0
1
10
100
25
50
75
100
125
150
Junction Temperature, T
J (
OC)
V
CB=30V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
V
CE=5V
10
100
1000
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
Fig. 3.
Typical VBE(ON) vs. Collector Current
Fig. 1.
Typical ICB0 vs. Junction Temperature
Fig. 2.
Typical hFE vs. Collector Current
Fig. 4.
Typical VCE(SAT) vs. Collector Current
Fig. 5.
Typical VBE(SAT) vs. Collector Current
0
50
100
150
200
250
300
0.01
0.1
1
10
100
1000
Collector Current, I
C (mA)
T
J=25 C
T
J=100˚ C
T
J=150˚ C
V
CE=5V
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
Collector Current, I
C (mA)
T
J = 25 ˚C
T
J = 150 ˚C
T
J = 100 ˚C
I
C/IB=20
Fig. 6.
Typical Capacitances vs. Reverse Voltage
1
10
0.1
1
10
100
Reverse Voltage (V)
TJ = 25 ˚C
Cib (EB)
Cob (CB)


Similar Part No. - BC847AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847AW PHILIPS-BC847AW Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
Diodes Incorporated
BC847AW DIODES-BC847AW Datasheet
123Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
logo
Taiwan Semiconductor Co...
BC847AW TSC-BC847AW Datasheet
236Kb / 6P
   NPN Transistor
logo
Siemens Semiconductor G...
BC847AW SIEMENS-BC847AW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Weitron Technology
BC847AW WEITRON-BC847AW Datasheet
2Mb / 4P
   General Purpose Transistor
More results

Similar Description - BC847AW

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com