Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16355 Datasheet(PDF) 9 Page - Analog Devices

Part # ADIS16355
Description  Tri-Axis Inertial Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16355 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIS16355 Datasheet HTML 5Page - Analog Devices ADIS16355 Datasheet HTML 6Page - Analog Devices ADIS16355 Datasheet HTML 7Page - Analog Devices ADIS16355 Datasheet HTML 8Page - Analog Devices ADIS16355 Datasheet HTML 9Page - Analog Devices ADIS16355 Datasheet HTML 10Page - Analog Devices ADIS16355 Datasheet HTML 11Page - Analog Devices ADIS16355 Datasheet HTML 12Page - Analog Devices ADIS16355 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADIS16355
Rev. PrG | Page 9 of 28
200
100
0
–100
400
300
–400
–50
TEMPERATURE (°C)
–300
–200
100
–35
–20
–5
10
25
40
55
70
85
+1σ
µ
–1σ
Figure 11. ADIS16350 Accelerometer Bias vs. Temperature
1
0.1
0.01
0.001
0.01
0.1
1
10
100
1000
INTEGRATION TIME (Seconds)
MEAN
+1σ
–1σ
Figure 12. Gyroscope Root Allan Variance
0.1
0.0001
0.01
1000
INTEGRATION TIME (Seconds)
0.1
1
10
100
0.001
0.01
–1
σ
MEAN
+1
σ
Figure 13. Accelerometer Root Allan Variance
Accelerometer Bias vs. Temperature
-60
-40
-20
0
20
40
60
-50
-35
-20
-5
10
25
40
55
70
85
100
TEMPERATURE (oC)
+1
σ
μ
-1
σ
Figure 14. ADIS16350 Accelerometer Bias vs. Temperature
45
0
5
10
15
20
25
35
40
30
–0.1
0.4
0.3
0.2
0.1
0
SENSITIVITY ERROR (%)
Figure 15. Gyroscope Sensitivity Error, +25°C
35
0
5
10
15
20
25
30
–0.3
–0.2
0.4
0.3
0.2
0.1
0
–0.1
BIAS VOLTAGE SENSITIVITY (°/s/V)
Figure 16. Gyroscope Bias Voltage Power Supply Sensitivity, +25°C


Similar Part No. - ADIS16355

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16355AMLZ AD-ADIS16355AMLZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16355

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16365 AD-ADIS16365 Datasheet
448Kb / 20P
   Tri-Axis Inertial Sensor
Rev. PrA
ADIS16354 AD-ADIS16354 Datasheet
571Kb / 28P
   High Precision Tri-Axis Inertial Sensor
REV. 0
logo
Freescale Semiconductor...
MMA65XX FREESCALE-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
MMA68XX FREESCALE-MMA68XX Datasheet
1Mb / 54P
   Dual-Axis SPI Inertial Sensor
MMA685X FREESCALE-MMA685X Datasheet
1Mb / 52P
   Single-Axis SPI Inertial Sensor
logo
NXP Semiconductors
MMA65XX NXP-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
Rev. 3, 03/2012
MMA68XX NXP-MMA68XX Datasheet
1Mb / 56P
   MMA68xx, Dual-axis SPI Inertial Sensor
Rev. 7, 01/2016
MMA685X NXP-MMA685X Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
MMA655X NXP-MMA655X Datasheet
1Mb / 53P
   MMA655x,Single-Axis, SPI Inertial Sensor
Rev. 7.0, 01/2017
logo
STMicroelectronics
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com