Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD251 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65HVD251
Description  CAN TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD251 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD251_07 Datasheet HTML 6Page - Texas Instruments SN65HVD251_07 Datasheet HTML 7Page - Texas Instruments SN65HVD251_07 Datasheet HTML 8Page - Texas Instruments SN65HVD251_07 Datasheet HTML 9Page - Texas Instruments SN65HVD251_07 Datasheet HTML 10Page - Texas Instruments SN65HVD251_07 Datasheet HTML 11Page - Texas Instruments SN65HVD251_07 Datasheet HTML 12Page - Texas Instruments SN65HVD251_07 Datasheet HTML 13Page - Texas Instruments SN65HVD251_07 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
(see Note B)
1.5 V
CANH
CANL
R
2.4 V
3.5 V
1.5 V
(see Note A)
VOH
VI
VO
CL = 15 pF
VI
VO
VOL
0.3 VCC
tp(sb)
DEVICE INFORMATION
CANH
CANL
5 V
Vac
R
500 mV
900 mV
R1
R2
+
12 V
–7 V
R1+1%
R1+1%
R2+1%
R2+1%
VI
VI
VID
50 W
50 W
450 W
227 W
VID
SN65HVD251
SLLS545C – NOVEMBER 2002 – REVISED SEPTEMBER 2005
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 125 kHz, 50% duty cycle, t
r
6ns, tf≤ 6ns, ZO = 50Ω.
B.
CL includes instrumentation and fixture capacitance within ±20%.
Figure 12. Receiver Propagation Delay in Standby Test Circuit and Waveform
A.
All input pulses are supplied by a generator having the following characteristics: f < 1.5 MHz, TA = 25
oC, V
CC = 5.0 V.
Figure 13. Common-Mode Input Voltage Rejection Test
10


Similar Part No. - SN65HVD251_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
More results

Similar Description - SN65HVD251_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
UC5350 TI1-UC5350_09 Datasheet
206Kb / 9P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251 Datasheet
390Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com