Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCHR16245AKR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVCHR16245AKR
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCHR16245AKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVCHR16245AKR Datasheet HTML 3Page - Texas Instruments SN74LVCHR16245AKR Datasheet HTML 4Page - Texas Instruments SN74LVCHR16245AKR Datasheet HTML 5Page - Texas Instruments SN74LVCHR16245AKR Datasheet HTML 6Page - Texas Instruments SN74LVCHR16245AKR Datasheet HTML 7Page - Texas Instruments SN74LVCHR16245AKR Datasheet HTML 8Page - Texas Instruments SN74LVCHR16245AKR Datasheet HTML 9Page - Texas Instruments SN74LVCHR16245AKR Datasheet HTML 10Page - Texas Instruments SN74LVCHR16245AKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH − V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2.7 V
3.3 V
± 0.3 V
1 k
500
500
500
VCC
RL
VCC
VCC
6 V
6 V
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
2.7 V
2.7 V
VI
VCC/2
VCC/2
1.5 V
1.5 V
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUT
th
tsu
SN74LVCHR16245A
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS582P – NOVEMBER 1996 – REVISED DECEMBER 2005
Figure 1. Load Circuit and Voltage Waveforms
7


Similar Part No. - SN74LVCHR16245AKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCHR16245AKR TI1-SN74LVCHR16245AKR Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
More results

Similar Description - SN74LVCHR16245AKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com