Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ23C18 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # DZ23C18
Description  DUAL SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DZ23C18 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  DZ23C18 Datasheet HTML 1Page - Pan Jit International Inc. DZ23C18 Datasheet HTML 2Page - Pan Jit International Inc. DZ23C18 Datasheet HTML 3Page - Pan Jit International Inc. DZ23C18 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-MAY.03.2006
DZ23C2V4 SERIES
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
C
e
g
a
k
c
a
P
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
µA
V
4
V
2
C
3
2
Z
D
4
.
2
8
2
.
2
2
5
.
2
5
8
0
.
5
0
0
6
0
0
.
1
0
.
0
0
1
0
.
1
0
V
3
2
-
T
O
S
7
V
2
C
3
2
Z
D
7
.
2
7
5
.
2
4
8
.
2
3
8
0
.
5
0
0
6
0
0
.
1
5
7
0
.
1
1
V
3
2
-
T
O
S
0
V
3
C
3
2
Z
D
0
.
3
5
8
.
2
5
1
.
3
5
9
0
.
5
0
0
6
0
0
.
1
0
5
0
.
1
2
V
3
2
-
T
O
S
3
V
3
C
3
2
Z
D
3
.
3
4
1
.
3
7
4
.
3
5
9
0
.
5
0
0
6
0
0
.
1
5
2
0
.
1
3
V
3
2
-
T
O
S
6
V
3
C
3
2
Z
D
6
.
3
2
4
.
3
8
7
.
3
5
9
0
.
5
0
0
6
0
0
.
1
5
1
0
.
1
4
V
3
2
-
T
O
S
9
V
3
C
3
2
Z
D
9
.
3
1
7
.
3
0
1
.
4
5
9
0
.
5
0
0
6
0
0
.
1
0
1
0
.
1
5
V
3
2
-
T
O
S
3
V
4
C
3
2
Z
D
3
.
4
9
0
.
4
2
5
.
4
5
9
0
.
5
0
0
6
0
0
.
1
0
.
5
0
.
1
6
V
3
2
-
T
O
S
7
V
4
C
3
2
Z
D
7
.
4
7
4
.
4
4
9
.
4
8
7
0
.
5
0
0
5
0
0
.
1
0
.
5
0
.
2
7
V
3
2
-
T
O
S
1
V
5
C
3
2
Z
D
1
.
5
5
8
.
4
6
3
.
5
0
6
0
.
5
0
8
4
0
0
.
1
1
.
0
8
.
0
8
V
3
2
-
T
O
S
6
V
5
C
3
2
Z
D
6
.
5
2
3
.
5
8
8
.
5
0
4
0
.
5
0
0
4
0
0
.
1
1
.
0
0
.
1
9
V
3
2
-
T
O
S
2
V
6
C
3
2
Z
D
2
.
6
9
8
.
5
1
5
.
6
0
1
0
.
5
0
5
1
0
0
.
1
1
.
0
0
.
2
0
1
V
3
2
-
T
O
S
8
V
6
C
3
2
Z
D
8
.
6
6
4
.
6
4
1
.
7
8
0
.
5
0
8
0
0
.
1
1
.
0
0
.
3
1
1
V
3
2
-
T
O
S
5
V
7
C
3
2
Z
D
5
.
7
3
1
.
7
8
8
.
7
7
0
.
5
0
8
0
0
.
1
1
.
0
0
.
5
2
1
V
3
2
-
T
O
S
2
V
8
C
3
2
Z
D
2
.
8
9
7
.
7
1
6
.
8
7
0
.
5
0
8
0
0
.
1
1
.
0
0
.
6
3
1
V
3
2
-
T
O
S
1
V
9
C
3
2
Z
D
1
.
9
5
6
.
8
6
5
.
9
0
1
0
.
5
0
0
1
0
0
.
1
1
.
0
0
.
7
4
1
V
3
2
-
T
O
S
0
1
C
3
2
Z
D
0
1
0
5
.
9
0
5
.
0
1
5
1
0
.
5
0
5
1
0
0
.
1
1
.
0
5
.
7
5
1
V
3
2
-
T
O
S
1
1
C
3
2
Z
D
1
1
5
4
.
0
1
5
5
.
1
1
0
2
0
.
5
0
5
1
0
0
.
1
1
.
0
5
.
8
6
1
V
3
2
-
T
O
S
2
1
C
3
2
Z
D
2
1
0
4
.
1
1
0
6
.
2
1
0
2
0
.
5
0
5
1
0
0
.
1
1
.
0
0
.
9
7
1
V
3
2
-
T
O
S
3
1
C
3
2
Z
D
3
1
5
3
.
2
1
5
6
.
3
1
5
2
0
.
5
0
7
1
0
0
.
1
1
.
0
0
.
0
1
8
1
V
3
2
-
T
O
S
4
1
C
3
2
Z
D
4
1
0
3
.
3
1
0
7
.
4
1
5
2
0
.
5
0
7
1
0
0
.
1
1
.
0
5
.
0
1
A
V
3
2
-
T
O
S
5
1
C
3
2
Z
D
5
1
5
2
.
4
1
5
7
.
5
1
0
3
0
.
5
0
0
2
0
0
.
1
1
.
0
0
.
1
1
9
1
V
3
2
-
T
O
S
6
1
C
3
2
Z
D
6
1
0
2
.
5
1
0
8
.
6
1
0
4
0
.
5
0
0
2
0
0
.
1
1
.
0
0
.
2
1
0
2
V
3
2
-
T
O
S
7
1
C
3
2
Z
D
7
1
5
1
.
6
1
5
8
.
7
1
0
4
0
.
5
0
0
2
0
0
.
1
1
.
0
0
.
3
1
B
V
3
2
-
T
O
S
8
1
C
3
2
Z
D
8
1
0
1
.
7
1
0
9
.
8
1
0
5
0
.
5
5
2
2
0
0
.
1
1
.
0
0
.
4
1
1
2
V
3
2
-
T
O
S
0
2
C
3
2
Z
D
0
2
0
0
.
9
1
0
0
.
1
2
0
5
0
.
5
5
2
2
0
0
.
1
1
.
0
0
.
5
1
2
2
V
3
2
-
T
O
S
2
2
C
3
2
Z
D
2
2
0
9
.
0
2
0
1
.
3
2
5
5
0
.
5
0
5
2
0
0
.
1
1
.
0
0
.
7
1
3
2
V
3
2
-
T
O
S
4
2
C
3
2
Z
D
4
2
0
8
.
2
2
0
2
.
5
2
0
8
0
.
5
0
5
2
0
0
.
1
1
.
0
0
.
8
1
4
2
V
3
2
-
T
O
S
7
2
C
3
2
Z
D
7
2
5
6
.
5
2
5
3
.
8
2
0
8
0
.
5
0
0
3
0
0
.
1
1
.
0
0
.
0
2
5
2
V
3
2
-
T
O
S
8
2
C
3
2
Z
D
8
2
0
6
.
6
2
0
4
.
9
2
0
8
0
.
5
0
0
3
0
0
.
1
1
.
0
0
.
2
2
C
V
3
2
-
T
O
S
0
3
C
3
2
Z
D
0
3
0
5
.
8
2
0
5
.
1
3
0
8
0
.
5
0
0
3
0
0
.
1
1
.
0
5
.
2
2
6
2
V
3
2
-
T
O
S
3
3
C
3
2
Z
D
3
3
5
3
.
1
3
5
6
.
4
3
0
8
0
.
5
5
2
3
0
0
.
1
1
.
0
0
.
5
2
7
2
V
3
2
-
T
O
S
6
3
C
3
2
Z
D
6
3
0
2
.
4
3
0
8
.
7
3
0
9
0
.
5
0
5
3
0
0
.
1
1
.
0
0
.
7
2
8
2
V
3
2
-
T
O
S
9
3
C
3
2
Z
D
9
3
5
0
.
7
3
5
9
.
0
4
0
9
0
.
5
0
5
3
0
0
.
1
1
.
0
0
.
9
2
9
2
V
3
2
-
T
O
S
3
4
C
3
2
Z
D
3
4
5
8
.
0
4
5
1
.
5
4
0
0
1
0
.
5
0
0
7
0
0
.
1
1
.
0
0
.
2
3
0
3
V
3
2
-
T
O
S
7
4
C
3
2
Z
D
7
4
5
6
.
4
4
5
3
.
9
4
0
0
1
0
.
5
0
5
7
0
0
.
1
1
.
0
0
.
5
3
1
3
V
3
2
-
T
O
S
1
5
C
3
2
Z
D
1
5
5
4
.
8
4
5
5
.
3
5
0
0
1
0
.
5
0
5
7
0
0
.
1
1
.
0
0
.
8
3
2
3
V
3
2
-
T
O
S
6
5
C
3
2
Z
D
6
5
0
2
.
3
5
0
8
.
8
5
5
3
1
5
.
2
0
0
0
1
0
0
.
1
1
.
0
0
.
2
4
3
3
V
3
2
-
T
O
S
2
6
C
3
2
Z
D
2
6
0
9
.
8
5
0
1
.
5
6
0
5
1
5
.
2
0
0
0
1
0
0
.
1
1
.
0
0
.
6
4
4
3
V
3
2
-
T
O
S
8
6
C
3
2
Z
D
8
6
0
6
.
4
6
0
4
.
1
7
0
0
2
5
.
2
0
0
0
1
0
0
.
1
1
.
0
0
.
1
5
5
3
V
3
2
-
T
O
S
5
7
C
3
2
Z
D
5
7
5
2
.
1
7
5
7
.
8
7
0
5
2
5
.
2
0
0
0
1
0
0
.
1
1
.
0
0
.
6
5
6
3
V
3
2
-
T
O
S


Similar Part No. - DZ23C18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C18 VISHAY-DZ23C18 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C18 VISHAY-DZ23C18 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
logo
Diodes Incorporated
DZ23C18 DIODES-DZ23C18 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
logo
Micro Commercial Compon...
DZ23C18 MCC-DZ23C18 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
logo
Diodes Incorporated
DZ23C18 DIODES-DZ23C18 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
More results

Similar Description - DZ23C18

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
AZ23C2V4 PANJIT-AZ23C2V4_08 Datasheet
139Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODES
AZ23C2V4 PANJIT-AZ23C2V4 Datasheet
170Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODES
logo
Diotec Semiconductor
2BZX84C3V0 DIOTEC-2BZX84C3V0_07 Datasheet
120Kb / 2P
   Surface mount Silicon Planar Dual Zener Diodes
logo
Vishay Siliconix
TDSL110 VISHAY-TDSL110 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C2V7 VISHAY-DZ23C2V7 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
AZ23C27-51 BWTECH-AZ23C27-51 Datasheet
470Kb / 5P
   300 mw Dual Surface Mount Zener Diodes
logo
Diotec Semiconductor
2BZX84C3V0 DIOTEC-2BZX84C3V0 Datasheet
126Kb / 2P
   Dual Surface Mount Silicon Planar Zener Diodes
logo
Diode Semiconductor Kor...
AZ23C2V7 DSK-AZ23C2V7 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Diotec Semiconductor
2BZX84C3V0 DIOTEC-2BZX84C3V0_15 Datasheet
117Kb / 2P
   Surface mount Silicon Planar Dual Zener Diodes
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com