Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4013 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ4013
Description  128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4013 Datasheet(HTML) 2 Page - Texas Instruments

  BQ4013 Datasheet HTML 1Page - Texas Instruments BQ4013 Datasheet HTML 2Page - Texas Instruments BQ4013 Datasheet HTML 3Page - Texas Instruments BQ4013 Datasheet HTML 4Page - Texas Instruments BQ4013 Datasheet HTML 5Page - Texas Instruments BQ4013 Datasheet HTML 6Page - Texas Instruments BQ4013 Datasheet HTML 7Page - Texas Instruments BQ4013 Datasheet HTML 8Page - Texas Instruments BQ4013 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
DEVICE INFORMATION
FUNCTIONAL DESCRIPTION
bq4013/Y/LY
SLUS121A – MAY 1999 – REVISED MAY 2007
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NUMBER
A0
12
I
A1
11
I
A2
10
I
A3
9
I
A4
8
I
A5
7
I
A6
6
I
A7
5
I
A8
27
I
Address inputs
A9
26
I
A10
23
I
A11
25
I
A12
4
I
A13
28
I
A14
3
I
A15
31
I
A16
2
I
CE
22
I
Chip-enable input
DQ0
13
I/O
DQ1
14
I/O
DQ2
15
I/O
DQ3
17
I/O
Data input/output
DQ4
18
I/O
DQ5
19
I/O
DQ6
20
I/O
DQ7
21
I/O
1
-
NC
No connect
30
-
OE
24
I
Output enable input
VCC
32
I
Supply voltage input
VSS
16
-
Ground
WE
29
I
Write enable input
When power is valid, the bq4013/Y/LY operates as a standard CMOS SRAM. During power-down and power-up
cycles, the bq4013/Y/LY acts as a nonvolatile memory, automatically protecting and preserving the memory
contents.
Power-down/power-up control circuitry constantly monitors the VCC supply for a power-fail-detect threshold VPFD.
The bq4013 monitors for VPFD = 4.62 V typical for use in 5-V systems with 5% supply tolerance. The bq4013Y
monitors for VPFD = 4.37 V typical for use in 5-V systems with 10% supply tolerance. The bq4013LY monitors for
VPFD = 2.90 V (typ) for use in 3.3-V systems.
2
Submit Documentation Feedback


Similar Part No. - BQ4013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI-BQ4013 Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
BQ4013 TI1-BQ4013 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013LYMA-70 TI1-BQ4013LYMA-70 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013LYMA-70N TI1-BQ4013LYMA-70N Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013MA-120 TI-BQ4013MA-120 Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER짰 SRAM
logo
Cypress Semiconductor
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
logo
Alliance Semiconductor ...
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com