Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA1101F Datasheet(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

Part # FA1101F
Description  Single Color High Brightness Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

FA1101F Datasheet(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button FA1101F Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. FA1101F Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. FA1101F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. FA1101F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. FA1101F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. FA1101F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. FA1101F Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. FA1101F Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. FA1101F Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Page 8
2004.10.29
Single Color High Brightness Type
1101F Series
Technical Data(FY)
Ambient Temperature vs. Relative Intensity
Condition : I
F=20mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)
Pulse Width vs. Maximum Tolerable Peak Current
Condition : Ta = 25℃
Pulse Width : tw (μs)


Similar Part No. - FA1101F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA1101F ETC2-FA1101F Datasheet
157Kb / 2P
   Series Right Angle AlInGaP SMT LED
More results

Similar Description - FA1101F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
FR1112H-TR STANLEY-FR1112H-TR Datasheet
372Kb / 20P
   Single Color High Brightness Type
FR1111C-TR STANLEY-FR1111C-TR Datasheet
374Kb / 20P
   Single Color High Brightness Type
YBG1105W STANLEY-YBG1105W Datasheet
396Kb / 19P
   Single Color High Brightness Type
FY1112C-TR STANLEY-FY1112C-TR Datasheet
281Kb / 16P
   Single Color High Brightness Type
logo
Stanford Microdevices
FY1105W-RR STANFORD-FY1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com