Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA1114C-0005 Datasheet(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

Part # FA1114C-0005
Description  Single Color 1608 (h=0.4 mm) Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

FA1114C-0005 Datasheet(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button FA1114C-0005 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. FA1114C-0005 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. FA1114C-0005 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. FA1114C-0005 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. FA1114C-0005 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. FA1114C-0005 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. FA1114C-0005 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. FA1114C-0005 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. FA1114C-0005 Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Page 6
2006.11.29
Single Color 1608 (h=0.4 mm) Type
(Ta=25℃)
1114C-0005 Series
Color Tone Groups (λd)
Please contact our sales staff concerning rank designation.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
566.0
578.0
581.5
585.0
596.1
600.9
621.0
632.0
B
584.0
587.5
599.1
603.9
C
586.5
590.0
602.1
606.9
D
589.0
592.5
605.1
609.9
E
591.5
595.0
608.1
612.9
F
594.0
597.5
Rank
FY
FA
FR
IF = 5mA
YPY
Dominant Wavelength λd (nm)
Condition


Similar Part No. - FA1114C-0005

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA11145 LEDIL-FA11145 Datasheet
229Kb / 4P
   Rose Assembly
FA11145 LEDIL-FA11145 Datasheet
3Mb / 4P
   ~13째 x 45째 oval beam optimized for Osram Golden Dragon . Variant with beam direction rotated 90째. Assembly with white holder.
FA11145 LEDIL-FA11145_18 Datasheet
3Mb / 4P
   ~13째 x 45째 oval beam optimized for Osram Golden Dragon . Variant with beam direction rotated 90째. Assembly with white holder.
FA11147 LEDIL-FA11147 Datasheet
2Mb / 4P
   ~13째 x 45째 oval beam optimized for CREE XR-E. Variant with beam direction rotated 90째. Assembly with white holder.
More results

Similar Description - FA1114C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UB1114C-0005 STANLEY-UB1114C-0005 Datasheet
326Kb / 17P
   Single Color 1608 (h=0.4 mm) Type
SB1118C-0002 STANLEY-SB1118C-0002 Datasheet
250Kb / 14P
   Single Color 1608 (h=0.35 mm) Type
1141C STANLEY-1141C Datasheet
288Kb / 15P
   1608 (h=0.7 mm) Type White LED
KW1148C STANLEY-KW1148C Datasheet
293Kb / 13P
   1608 (h=0.35 mm) Type White LED
SW1148C STANLEY-SW1148C Datasheet
280Kb / 14P
   1608 (h=0.35 mm) Type White LED
YPY1105C-0005 STANLEY-YPY1105C-0005 Datasheet
255Kb / 14P
   Single Color Super Wide Angle Type (h=0.5 mm)
UB1105C-0005 STANLEY-UB1105C-0005 Datasheet
316Kb / 17P
   Single Color Super Wide Angle Type (h=0.5 mm)
FR1106W STANLEY-FR1106W Datasheet
216Kb / 13P
   Single Color Super Wide Angle Type (h=1.3 mm)
UB1106W STANLEY-UB1106W Datasheet
312Kb / 16P
   Single Color Super Wide Angle Type (h=1.3 mm)
SW1142P STANLEY-SW1142P Datasheet
163Kb / 12P
   1608 (h=0.20mm) Type White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com