Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14EX8-TF25ITR Datasheet(PDF) 3 Page - Simtek Corporation

Part # STK14EX8-TF25ITR
Description  512Kx8 Autostore nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EX8-TF25ITR Datasheet(HTML) 3 Page - Simtek Corporation

  STK14EX8-TF25ITR Datasheet HTML 1Page - Simtek Corporation STK14EX8-TF25ITR Datasheet HTML 2Page - Simtek Corporation STK14EX8-TF25ITR Datasheet HTML 3Page - Simtek Corporation STK14EX8-TF25ITR Datasheet HTML 4Page - Simtek Corporation STK14EX8-TF25ITR Datasheet HTML 5Page - Simtek Corporation STK14EX8-TF25ITR Datasheet HTML 6Page - Simtek Corporation STK14EX8-TF25ITR Datasheet HTML 7Page - Simtek Corporation STK14EX8-TF25ITR Datasheet HTML 8Page - Simtek Corporation STK14EX8-TF25ITR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STK14EC8
3
Simtek Confidential
April, 2007
Document Control #ML0060 Rev 1.0
Preliminary
ABSOLUTE MAXIMUM RATINGSa
Voltage on Input Relative to Ground . . . . . . . . . . . . . –0.5V to 4.1V
Voltage on Input Relative to VSS . . . . . . . . . .–0.5V to (VCC + 0.5V)
Voltage on DQ0-7 or HSB . . . . . . . . . . . . . . . .–0.5V to (VCC + 0.5V)
Temperature under Bias. . . . . . . . . . . . . . . . . . . . . .–55
°C to 125°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .–55
°C to 140°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .–65
°C to 150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
DC Output Current (1 output at a time, 1s duration) . . . . . . . 15mA
Note a:
Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at con-
ditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
DC CHARACTERISTICS
(VCC = 2.7V-3.6V)
Note: The HSB pin has IOUT = -10 uA for VOH of 2.4 V. This parameter is characterized but not tested.
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL
UNITS
NOTES
MIN
MAX
MIN
MAX
ICC1
Average VCC Current
70
65
50
75
70
52
mA
mA
mA
tAVAV = 15ns
tAVAV = 25ns
tAVAV = 45ns
Dependent on output loading and cycle
rate. Values obtained without output
loads.
ICC2
Average VCC Current during STORE
33
mA
All Inputs Don’t Care, VCC = max
Average current for duration of STORE
cycle (tSTORE)
ICC3
Average VCC Current at tAVAV = 200ns
3V, 25°C, Typical
13
13
mA
W
≥ (V
CC– 0.2V)
All Other Inputs Cycling at CMOS Levels
Dependent on output loading and cycle
rate. Values obtained without output
loads.
ICC4
Average VCAP Current during
AutoStore™ Cycle
3
3
mA
All Inputs Don’t Care
Average current for duration of STORE
cycle (tSTORE)
ISB
VCC Standby Current
(Standby, Stable CMOS Levels)
2
2
mA
E
≥ (V
CC -0.2V)
All Others VIN0.2V or ≥ (VCC-0.2V)
Standby current level after nonvolatile
cycle complete
IILK
Input Leakage Current
±1
±1
μA
VCC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
±1
±1
μA
VCC = max
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1” Voltage
2.0
VCC + 0.3
2.0
VCC + 0.3
V
All Inputs
VIL
Input Logic “0” Voltage
VSS –0.5
0.8
VSS –0.5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT = – 2mA
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 4mA
TA
Operating Temperature
0
70
– 40
85
°C
VCC
Operating Voltage
2.7
3.6
2.7
3.6
V
3.3V nominal
VCAP
Storage Capacitance
37
57
37
57
μF
Between VCAP pin and VSS, 5V rated.
NVC
Nonvolatile STORE operations
200
200
K
DATAR
Data Retention
20
20
Years
@ 55 deg C
Package Thermal Characteristics - See Website at http://www.simtek.com


Similar Part No. - STK14EX8-TF25ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC16 SIMTEK-STK14EC16 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15 SIMTEK-STK14EC16-BF15 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15I SIMTEK-STK14EC16-BF15I Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15ITR SIMTEK-STK14EC16-BF15ITR Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15TR SIMTEK-STK14EC16-BF15TR Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
More results

Similar Description - STK14EX8-TF25ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8_08 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com