Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC976CDGGR Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC976CDGGR
Description  10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC976CDGGR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC976CDGGR Datasheet HTML 4Page - Texas Instruments TLC976CDGGR Datasheet HTML 5Page - Texas Instruments TLC976CDGGR Datasheet HTML 6Page - Texas Instruments TLC976CDGGR Datasheet HTML 7Page - Texas Instruments TLC976CDGGR Datasheet HTML 8Page - Texas Instruments TLC976CDGGR Datasheet HTML 9Page - Texas Instruments TLC976CDGGR Datasheet HTML 10Page - Texas Instruments TLC976CDGGR Datasheet HTML 11Page - Texas Instruments TLC976CDGGR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TLC976C
10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
SLAS193 – OCTOBER 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL OPERATION
CCD Input
10
µs
(typ)
2
µs
(typ)
CCD Reset Feedthrough
CCD Reset Level
CCD Signal Level
Optical Black
Pixel Period
Dummy Black/Blanking Period
Signal Period
SHR Input
SHV Input
CLP2 Input
(Internal)
AGC Output
SH-Pulse
(Input)
OBCLP Input
(Internal) BLK
BLK-PULSE
(Input)
DRIVE-OUT
(Output)
Optical Black Level
Black Level
1.66 V
1.66 V
1.66 V
Figure 3. CCD Input Mode Timing Diagram


Similar Part No. - TLC976CDGGR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
logo
Texas Instruments
TLC04 TI-TLC04 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04 TI-TLC04 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04/MF4A-50 TI1-TLC04/MF4A-50 Datasheet
367Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04CD TI-TLC04CD Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
More results

Similar Description - TLC976CDGGR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9843A AD-AD9843A Datasheet
170Kb / 16P
   Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9843A AD-AD9843A_15 Datasheet
162Kb / 16P
   Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
logo
Texas Instruments
TLV987 TI-TLV987 Datasheet
262Kb / 20P
[Old version datasheet]   3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
TLV990B TI-TLV990B Datasheet
291Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
TLV990 TI-TLV990 Datasheet
281Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
logo
Analog Devices
AD9844A AD-AD9844A Datasheet
169Kb / 16P
   Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
   Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A Datasheet
162Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com