Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14EX8-TF15 Datasheet(PDF) 2 Page - Simtek Corporation

Part # STK14EX8-TF15
Description  512Kx8 Autostore nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EX8-TF15 Datasheet(HTML) 2 Page - Simtek Corporation

  STK14EX8-TF15 Datasheet HTML 1Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 2Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 3Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 4Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 5Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 6Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 7Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 8Page - Simtek Corporation STK14EX8-TF15 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Simtek Confidential
April, 2007
Document Control #ML0060 Rev 1.0
STK14EC8
Preliminary
PIN DESCRIPTIONS
Pin Name
I/O
Description
A18-A0
Input
Address: The 19 address inputs select one of 524,288 bytes in the nvSRAM array
DQ7-DQ0
I/O
Data: Bi-directional 8-bit data bus for accessing the nvSRAM
E
Input
Chip Enable: The active low E input selects the device
W
Input
Write Enable: The active low W enables data on the DQ pins to be written to the address
location latched by the falling edge of E
G
Input
Output Enable: The active low G input enables the data output buffers during read cycles.
De-asserting G high caused the DQ pins to tri-state.
VCC
Power Supply
Power: 3.0V, +20%, -10%
HSB
I/O
Hardware Store Busy: When low this output indicates a Store is in progress (also low during
power up while busy). When pulled low external to the chip, it will initiate a nonvolatile
STORE operation. A weak pull up resistor keeps this pin high if not connected. (Connection
Optional).
VCAP
Power Supply
Autostore Capacitor: Supplies power to the nvSRAM during a power loss to store data from
SRAM to nonvolatile storage elements.
VSS
Power Supply
Ground
NC
No Connect
This pin is not connected to the die. (Do not connect in design; reserved for future use)
44-Pin TSOP-II
VSS
A0
A1
A2
A3
A4
A5
DQ0
DQ1
VCC
VCAP
DQ2
DQ3
A6
A7
A8
NC
NC
NC
A18
A17
A16
A15
A14
A13
G
DQ7
DQ6
VSS
VCC
DQ5
DQ4
HSB
A12
A11
A9
NC
NC
NC
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
512K x8
NC
NC
A10
W
E
(See mechanical drawing on Page 18)


Similar Part No. - STK14EX8-TF15

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC16 SIMTEK-STK14EC16 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15 SIMTEK-STK14EC16-BF15 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15I SIMTEK-STK14EC16-BF15I Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15ITR SIMTEK-STK14EC16-BF15ITR Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
STK14EC16-BF15TR SIMTEK-STK14EC16-BF15TR Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
More results

Similar Description - STK14EX8-TF15

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8_08 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com