Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB1105C-0005 Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # UB1105C-0005
Description  Single Color Super Wide Angle Type (h=0.5 mm)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UB1105C-0005 Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button UB1105C-0005 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UB1105C-0005 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UB1105C-0005 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. UB1105C-0005 Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. UB1105C-0005 Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. UB1105C-0005 Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. UB1105C-0005 Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. UB1105C-0005 Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. UB1105C-0005 Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Page 11
2006.11.29
Ambient Temperature vs. Relative Intensity
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)
Pulse Width vs. Maximum Tolerable Peak Current
Condition : Ta = 25℃
Pulse Width : tw (μs)
Single Color Super Wide Angle Type (h=0.5 mm)
U□1105C-0005 Series
Technical Data(UG)


Similar Part No. - UB1105C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UB1105W-TR STANLEY-UB1105W-TR Datasheet
201Kb / 3P
   LEDs shall be sorted out into the following 5 ranks of Luminous Intensity
More results

Similar Description - UB1105C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1105C-0005 STANLEY-YPY1105C-0005 Datasheet
255Kb / 14P
   Single Color Super Wide Angle Type (h=0.5 mm)
PY1105CK STANLEY-PY1105CK Datasheet
205Kb / 12P
   Single Color Super Wide Angle ( h=0.5 mm)
FR1106W STANLEY-FR1106W Datasheet
216Kb / 13P
   Single Color Super Wide Angle Type (h=1.3 mm)
UB1106W STANLEY-UB1106W Datasheet
312Kb / 16P
   Single Color Super Wide Angle Type (h=1.3 mm)
NU1106W STANLEY-NU1106W Datasheet
363Kb / 11P
   Single Color Super Wide Angle Type (t=1.3 mm)
SB1118C-0002 STANLEY-SB1118C-0002 Datasheet
250Kb / 14P
   Single Color 1608 (h=0.35 mm) Type
YPY1114C-0005 STANLEY-YPY1114C-0005 Datasheet
264Kb / 14P
   Single Color 1608 (h=0.4 mm) Type
UB1114C-0005 STANLEY-UB1114C-0005 Datasheet
326Kb / 17P
   Single Color 1608 (h=0.4 mm) Type
1101F STANLEY-1101F Datasheet
367Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
BG1101F-TR STANLEY-BG1101F-TR Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com