Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7595XC Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC7595XC
Description  Line Card Access Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7595XC Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC7595XC Datasheet HTML 2Page - Clare, Inc. CPC7595XC Datasheet HTML 3Page - Clare, Inc. CPC7595XC Datasheet HTML 4Page - Clare, Inc. CPC7595XC Datasheet HTML 5Page - Clare, Inc. CPC7595XC Datasheet HTML 6Page - Clare, Inc. CPC7595XC Datasheet HTML 7Page - Clare, Inc. CPC7595XC Datasheet HTML 8Page - Clare, Inc. CPC7595XC Datasheet HTML 9Page - Clare, Inc. CPC7595XC Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CPC7595
6
www.clare.com
R00B
1.6.2 Ringing Return Switch, SW3
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State
Leakage Current
VSW3 (differential) = TLINE to TRINGING
All-Off state.
+25° C,
VSW (differential) = -320 V to gnd
VSW (differential) = +260 V to -60 V
ISW
-
0.1
1
μA
+85° C,
VSW (differential) = -330 V to gnd
VSW (differential) = +270 V to -60 V
0.3
-40° C,
VSW (differential) = -310 V to gnd
VSW (differential) = +250 V to -60 V
0.1
On Resistance
ISW(on) = ±0 mA, ±10 mA, +25° C
RON
-
60
-
Ω
ISW(on) = ±0 mA, ±10 mA, +85° C
85
110
ISW(on) = ±0 mA, ±10 mA, -40° C
45
-
DC current limit
VSW (on) = ± 10 V, +25° C
ISW
-
120
-mA
VSW (on) = ± 10 V, +85° C
70
85
VSW (on) = ± 10 V, -40° C
-
210
Dynamic current limit
(t
≤ 0.5 μs)
Ringing switches on, all other switches
off. Apply ±1 kV 10x1000
μs pulse with
appropriate protection in place.
ISW
-2.5
-
A
Logic input to switch
output isolation
+25° C, Logic inputs = gnd,
VSW (TRINGING, TLINE) = ±320 V
ISW
-
0.1
1
μA
+85° C, Logic inputs = gnd,
VSW (TRINGING, TLINE) = ±330 V
0.3
-40° C, Logic inputs = gnd,
VSW (TRINGING, TLINE) = ±310 V
0.1
dv/dt sensitivity
-
-
-
500
-
V/
μs


Similar Part No. - CPC7595XC

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7595 CLARE-CPC7595 Datasheet
664Kb / 24P
   Line Card Access Switch
logo
IXYS Corporation
CPC7595 IXYS-CPC7595 Datasheet
1Mb / 25P
   Line Card Access Switch
logo
Clare, Inc.
CPC7595BATR CLARE-CPC7595BATR Datasheet
664Kb / 24P
   Line Card Access Switch
CPC7595BBTR CLARE-CPC7595BBTR Datasheet
664Kb / 24P
   Line Card Access Switch
CPC7595BCTR CLARE-CPC7595BCTR Datasheet
664Kb / 24P
   Line Card Access Switch
More results

Similar Description - CPC7595XC

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Clare, Inc.
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
   Line Card Access Switch
CPC7595 CLARE-CPC7595_1 Datasheet
664Kb / 24P
   Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com