Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3803X Datasheet(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

Part # UC3803X
Description  Single Color ?3 Flush Mount Round Shape Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UC3803X Datasheet(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button UC3803X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 20mA
Wavelength [nm]
Page 6
2004.10.27
Single Color φ3 Flush Mount Round Shape Type
U□38□3X Series
Spatial Distribution Example
Condition : Ta = 25℃
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)
Technical Data(UB)


Similar Part No. - UC3803X

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3800 UTC-UC3800 Datasheet
225Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800 UTC-UC3800 Datasheet
221Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800BG-S08-R UTC-UC3800BG-S08-R Datasheet
221Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800BL-S08-R UTC-UC3800BL-S08-R Datasheet
221Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800G-S08-R UTC-UC3800G-S08-R Datasheet
225Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
More results

Similar Description - UC3803X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
logo
List of Unclassifed Man...
UC3804X ETC1-UC3804X Datasheet
304Kb / 24P
   Single Color PI 3 Flush Mount Round Shape Type
5307S ETC2-5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
   Single Color 5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com