Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR5AS Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CR5AS
Description  Surface Mount, Phase Control SCR 5 Amperes/400-600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR5AS Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CR5AS Datasheet HTML 1Page - Powerex Power Semiconductors CR5AS Datasheet HTML 2Page - Powerex Power Semiconductors CR5AS Datasheet HTML 3Page - Powerex Power Semiconductors CR5AS Datasheet HTML 4Page - Powerex Power Semiconductors CR5AS Datasheet HTML 5Page - Powerex Power Semiconductors CR5AS Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
CR5AS
Surface Mount, Phase Control SCR
5 Amperes/400-600 Volts
P-35
Electrical and Thermal Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Voltage – Blocking State
Peak Forward Leakage
IDRM
Tj = 125°C, VD = VDRM
2.0
mA
Peak Reverse Leakage
IRRM
Tj = 125°C, VR = VRRM
2.0
mA
Current – Conducting State
Peak On-state Voltage
VTM
Tc = 25°C, ITM = 2.5A
1.8
Volts
DC Holding Current
IH
VD = 12V, RGK = 1K , Tj = 25°C
3.5
mA
Maximum Thermal Resistance
Junction-to-case
Rth(j-c)
3.0
°C/W
Gate – Parameters
Gate Current to Trigger
IGT
VD = 6V, RL = 60 , Tj = 25°C
1
200
A
Gate Voltage to Trigger
VGT
VD = 6V, RL = 60 , Tj = 25°C
0.8
Volts
Non-triggering Gate Voltage
VGD
VD = 1/2VDRM, RGK = 1k , Tj = 125°C
0.1
Volts


Similar Part No. - CR5AS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR5AS MITSUBISHI-CR5AS Datasheet
66Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
HAOPIN MICROELECTRONICS...
CR5AS HAOPIN-CR5AS Datasheet
527Kb / 6P
   Blocking voltage to 600 V
logo
Renesas Technology Corp
CR5AS-12 RENESAS-CR5AS-12 Datasheet
81Kb / 8P
   Thyristor Medium Power Use
CR5AS-12 RENESAS-CR5AS-12 Datasheet
105Kb / 8P
   Thyristor Medium Power Use
logo
Kersemi Electronic Co.,...
CR5AS-12 KERSEMI-CR5AS-12 Datasheet
1Mb / 7P
   Glass Passivation Type
More results

Similar Description - CR5AS

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CR08AS POWEREX-CR08AS Datasheet
92Kb / 6P
   Surface Mount, Phase Control SCR 0.8 Amperes/400-600 Volts
CR6CM POWEREX-CR6CM Datasheet
84Kb / 6P
   Lead-mount, Phase Control SCR 6 Amperes/400-600 Volts
CR04AM POWEREX-CR04AM Datasheet
90Kb / 6P
   Lead-Mount, Phase Control SCR 0.4 Amperes/400-600 Volts
CR8AM POWEREX-CR8AM Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
CR3CM POWEREX-CR3CM Datasheet
77Kb / 4P
   Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts
CR03AM POWEREX-CR03AM Datasheet
69Kb / 4P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
CR02AM POWEREX-CR02AM Datasheet
85Kb / 6P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
BCR5AS POWEREX-BCR5AS Datasheet
80Kb / 6P
   Surface Mount Triac 5 Amperes/400-600 Volts
T625 POWEREX-T625 Datasheet
717Kb / 4P
   Phase Control SCR (300-400 Amperes 1200 Volts)
C390X500 POWEREX-C390X500 Datasheet
843Kb / 4P
   Phase Control SCR 620 Amperes Average 600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com