Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTL2010PWG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74GTL2010PWG4
Description  10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL2010PWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74GTL2010PWG4 Datasheet HTML 5Page - Texas Instruments SN74GTL2010PWG4 Datasheet HTML 6Page - Texas Instruments SN74GTL2010PWG4 Datasheet HTML 7Page - Texas Instruments SN74GTL2010PWG4 Datasheet HTML 8Page - Texas Instruments SN74GTL2010PWG4 Datasheet HTML 9Page - Texas Instruments SN74GTL2010PWG4 Datasheet HTML 10Page - Texas Instruments SN74GTL2010PWG4 Datasheet HTML 11Page - Texas Instruments SN74GTL2010PWG4 Datasheet HTML 12Page - Texas Instruments SN74GTL2010PWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
S
REF
D
REF
G
REF
SW
SW
GTL2010
D1
S1
D2
S2
R
PU
R
PU
R
PU
R
PU
R
PU
V
=5V
DPU
V
=3.3V
DPU
V
=1.8V
REF
R
PU
200K
CPUI/O
Chipset
I/O
Chipset
I/O
S9
D9
D10
S10
GND
GTL2010
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SCDS221 – SEPTEMBER 2006
APPLICATION INFORMATION (continued)
Figure 5. Bidirectional Translation to Multiple Higher Voltage Levels (Such as an I2C or SMBus
Applications)
9
Submit Documentation Feedback


Similar Part No. - SN74GTL2010PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2010PWG4 TI1-SN74GTL2010PWG4 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results

Similar Description - SN74GTL2010PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010 TI1-SN74GTL2010 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
   10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
   2-bit bidirectional low voltage translator
GTL2003 PHILIPS-GTL2003 Datasheet
113Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com