Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54286 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54286
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54286 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54286 Datasheet HTML 5Page - Texas Instruments TPS54286 Datasheet HTML 6Page - Texas Instruments TPS54286 Datasheet HTML 7Page - Texas Instruments TPS54286 Datasheet HTML 8Page - Texas Instruments TPS54286 Datasheet HTML 9Page - Texas Instruments TPS54286 Datasheet HTML 10Page - Texas Instruments TPS54286 Datasheet HTML 11Page - Texas Instruments TPS54286 Datasheet HTML 12Page - Texas Instruments TPS54286 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
www.ti.com
DEVICE INFORMATION
PIN CONNECTIONS
1
2
3
4
14
13
12
11
PVDD2
BOOT2
SW2
BP
PVDD1
BOOT1
SW1
GND
5
6
7
10
9
8
SEQ
ILIM2
FB2
EN1
EN2
FB1
Thermal Pad
(bottom side)
HTSSOP (PWP)
(Top View)
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Input supply to the high side gate driver for Output 1. Connect a 22-nF to 82-nF capacitor from this pin
to SW1. This capacitor is charged from the BP pin voltage through an internal switch. The switch is
BOOT1
2
I
turned ON during the OFF time of the converter. To slow down the turn ON of the internal FET, a small
resistor (1
Ω to 3 Ω) may be placed in series with the bootstrap capacitor.
Input supply to the high side gate driver for Output 2. Connect a 22-nF to 82-nF capacitor from this pin
to SW2. This capacitor is charged from the BP pin voltage through an internal switch. The switch is
BOOT2
13
I
turned ON during the OFF time of the converter. To slow down the turn ON of the internal FET, a small
resistor (1
Ω to 3 Ω) may be placed in series with the bootstrap capacitor.
Regulated voltage to charge the bootstrap capacitors. Bypass this pin to GND with a low ESR (4.7-
µF
BP
11
-
to 10-
µF X7R or X5R preferred) ceramic capacitor.
Active low enable input for Output 1. If the voltage on this pin is greater than 1.55 V, Output 1 is
disabled (high-side switch is OFF). A voltage of less than 0.9 V enables Output 1 and allows soft start of
EN1
5
I
Output 1 to begin. An internal current source drives this pin to PVDD2 if left floating. Connect this pin to
GND to force "always ON" operation.
Active low enable input for Output 2. If the voltage on this pin is greater than 1.55 V, Output 2 is
disabled (high-side switch is OFF). A voltage of less than 0.9 V enables Output 2 and allows soft start of
EN2
6
I
Output 2 to begin. An internal current source drives this pin to PVDD2 if left floating. Connect this pin to
GND to force "always ON" operation.
Voltage feedback pin for Output 1. The internal transconductance error amplifier adjusts the PWM for
Output 1 to regulate the voltage at this pin to the internal 0.8-V reference. A series resistor divider from
FB1
7
I
Output 1 to ground, with the center connection tied to this pin, determines the value of the regulated
output voltage. Compensation for the feedback loop is provided internally to the device. See Feedback
Loop and Inductor-Capacitor (L-C) Filter section for further information.
Voltage feedback pin for Output 2. The internal transconductance error amplifier adjusts the PWM for
Output 2 to regulate the voltage at this pin to the internal 0.8-V reference. A series resistor divider from
FB2
8
I
Output 2 to ground, with the center connection tied to this pin, determines the value of the regulated
Output voltage. Compensation for the feedback loop is provided internally to the device. See Feedback
Loop and Inductor-Capacitor (L-C) Filter section for further information.
GND
4
-
Ground pin for the device. Connect directly to Thermal Pad.
Current limit adjust pin for Output 2 only. This function is intended to allow a user with asymmetrical
load currents (Output 1 load current much greater than Output 2 load current) to optimize component
ILIM2
9
I
scaling of the lower current output while maintaining proper component derating in a overcurrent fault
condition. The discrete levels are available as shown in Table 2. Note: An internal 2-resistor divider
(150-k
Ω each) connects BP to ILIM2 and to GND.
Power input to the Output 1 high side MOSFET only. This pin should be locally bypassed to GND with a
PVDD1
1
I
low ESR ceramic capacitor of 10-
µF or greater.
The PVDD2 pin provides power to the device control circuitry, provides the pull-up for the EN1 and EN2
pins and provides power to the Output 2 high-side MOSFET. This pin should be locally bypassed to
PVDD2
14
I
GND with a low ESR ceramic capacitor of 10-
µF or greater. The UVLO function monitors PVDD2 and
enables the device when PVDD2 is greater than 4.1 V.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS54283 TPS54286


Similar Part No. - TPS54286

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54286 TI-TPS54286 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54286 TI1-TPS54286 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54286 TI1-TPS54286 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54286 TI1-TPS54286 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54286PWP TI1-TPS54286PWP Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
More results

Similar Description - TPS54286

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54283 TI-TPS54283_15 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI1-TPS54283_17 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54386-Q1 TI1-TPS54386-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383 TI-TPS54383 Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS55383 TI-TPS55383_15 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI1-TPS55383_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI-TPS55383 Datasheet
920Kb / 41P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54383 TI-TPS54383_15 Datasheet
1Mb / 56P
[Old version datasheet]   TPS5438x Dual 3-A Non-Synchronous Converters With Integrated High-Side MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com