Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR5AS600-12 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CR5AS600-12
Description  Surface Mount, Phase Control SCR 5 Amperes/400-600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR5AS600-12 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CR5AS600-12 Datasheet HTML 1Page - Powerex Power Semiconductors CR5AS600-12 Datasheet HTML 2Page - Powerex Power Semiconductors CR5AS600-12 Datasheet HTML 3Page - Powerex Power Semiconductors CR5AS600-12 Datasheet HTML 4Page - Powerex Power Semiconductors CR5AS600-12 Datasheet HTML 5Page - Powerex Power Semiconductors CR5AS600-12 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
CR5AS
Surface Mount, Phase Control SCR
5 Amperes/400-600 Volts
0.6
3.8
3.4
3.0
2.6
2.2
1.8
1.4
1.0
MAXIMUM ON-STATE
CHARACTERISTICS
INSTANTANEOUS ON-STATE
CURRENT, ITM, (AMPERES)
10-1
100
101
102
Tj = 25
oC
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION-TO-CASE, JUNCTION-TO-AMBIENT)
TIME, t, (s)
10-3
102
103
10-2
100
101
10-1
100
100
101
102
103
JUNCTION-TO-AMBIENT
JUNCTION-TO-CASE
10-2
10-1
100
101
102
GATE
CHARACTERISTICS
GATE CURRENT, IG, (mA)
10-1
100
101
102
103
VGD = 0.1V
VFGM = 6V
VGT = 0.8V
IGT = 200 A
IFGM = 0.3A
PGM = 0.5W
PG(avg) = 0.1W
Tj = 25°
0
20
40
60
80
100
MAXIMUM SURGE CURRENT
FOLLOWING RATED LOAD CONDITIONS
CYCLES AT 60 Hz
100
101
102
0
20
40
60
80
100
120
140
160
MAXIMUM
ALLOWABLE CASE TEMPERATURE
(SINGLE-PHASE HALF WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
2
04
6
8
= 30
° 60°
90
°
180
°
RESISTIVE,
INDUCTIVE LOADS
NATURAL CONVECTION
120
°
360
°
0
2
4
6
8
10
12
14
16
MAXIMUM ON-STATE
POWER DISSIPATION
(SINGLE-PHASE HALF WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
2
4
6
8
= 30
°
60
°
90
°
120
°
180
°
360
°
RESISTIVE,
INDUCTIVE LOADS
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
0.4
0.8
1.2
1.6
= 30
°
60
°
90
°
120
°
180
°
RESISTIVE, INDUCTIVE
LOADS NATURAL
CONVECTION
WITHOUT FIN
360
°
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
2
4
6
8
= 30
°
60
°
90
°
120
°
180
°
RESISTIVE,
INDUCTIVE LOADS
NATURAL CONVECTION
FIN: ALUMINUM BOARD
80 X 80 X t2.3
360
°
0
20
40
60
80
100
120
140
160
MAXIMUM
ALLOWABLE CASE TEMPERATURE
(SINGLE-PHASE FULL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
2
4
6
8
= 30
°
120
°
60
°
180
°
90
°
360
°
RESISTIVE LOADS
P-36


Similar Part No. - CR5AS600-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR5AS MITSUBISHI-CR5AS Datasheet
66Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
HAOPIN MICROELECTRONICS...
CR5AS HAOPIN-CR5AS Datasheet
527Kb / 6P
   Blocking voltage to 600 V
logo
Renesas Technology Corp
CR5AS-12 RENESAS-CR5AS-12 Datasheet
81Kb / 8P
   Thyristor Medium Power Use
CR5AS-12 RENESAS-CR5AS-12 Datasheet
105Kb / 8P
   Thyristor Medium Power Use
logo
Kersemi Electronic Co.,...
CR5AS-12 KERSEMI-CR5AS-12 Datasheet
1Mb / 7P
   Glass Passivation Type
More results

Similar Description - CR5AS600-12

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CR08AS POWEREX-CR08AS Datasheet
92Kb / 6P
   Surface Mount, Phase Control SCR 0.8 Amperes/400-600 Volts
CR6CM POWEREX-CR6CM Datasheet
84Kb / 6P
   Lead-mount, Phase Control SCR 6 Amperes/400-600 Volts
CR04AM POWEREX-CR04AM Datasheet
90Kb / 6P
   Lead-Mount, Phase Control SCR 0.4 Amperes/400-600 Volts
CR8AM POWEREX-CR8AM Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
CR3CM POWEREX-CR3CM Datasheet
77Kb / 4P
   Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts
CR03AM POWEREX-CR03AM Datasheet
69Kb / 4P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
CR02AM POWEREX-CR02AM Datasheet
85Kb / 6P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
BCR5AS POWEREX-BCR5AS Datasheet
80Kb / 6P
   Surface Mount Triac 5 Amperes/400-600 Volts
T625 POWEREX-T625 Datasheet
717Kb / 4P
   Phase Control SCR (300-400 Amperes 1200 Volts)
C390X500 POWEREX-C390X500 Datasheet
843Kb / 4P
   Phase Control SCR 620 Amperes Average 600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com