Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65101RGE Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65101RGE
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65101RGE Datasheet(HTML) 4 Page - Texas Instruments

  TPS65101RGE Datasheet HTML 1Page - Texas Instruments TPS65101RGE Datasheet HTML 2Page - Texas Instruments TPS65101RGE Datasheet HTML 3Page - Texas Instruments TPS65101RGE Datasheet HTML 4Page - Texas Instruments TPS65101RGE Datasheet HTML 5Page - Texas Instruments TPS65101RGE Datasheet HTML 6Page - Texas Instruments TPS65101RGE Datasheet HTML 7Page - Texas Instruments TPS65101RGE Datasheet HTML 8Page - Texas Instruments TPS65101RGE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
TPS65100, TPS65101
TPS65105
SLVS496C – SEPTEMBER 2003 – REVISED APRIL 2006
ELECTRICAL CHARACTERISTICS (continued)
V
in = 3.3 V, EN = VIN, VO1 = 10 V, TA = -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIleak
Input leakage current
EN = GND or VIN
0.01
0.1
µA
MAIN BOOST CONVERTER
VO1
Output voltage range
5
15
V
Minimum input to output
VO1 - VI
1
V
voltage difference
VREF
Reference voltage
1.205
1.213
1.219
V
VFB
Feedback regulation voltage
1.136
1.146
1.154
V
IFB
Feedback input bias current
10
100
nA
VO1 = 10 V, Isw = 500 mA
195
290
N-MOSFET on-resistance
rDS(ON)
m
(Q1)
VO1 = 5 V, Isw = 500 mA
285
420
TPS65100, TPS65101
1.6
2.3
2.6
A
N-MOSFET switch current
ILIM
limit (Q1)
TPS65105
0.96
1.37
1.56
A
VO1 = 10 V, Isw = 100 mA
9
15
P-MOSFET on-resistance
rDS(ON)
(Q2)
VO1 = 5 V, Isw = 100 mA
14
22
Maximum P-MOSFET peak
IMAX
1
A
switch current
Ileak
Switch leakage current
Vsw = 15 V
1
10
µA
0
°C ≤ T
A ≤ 85°C
1.295
1.6
2.1
fSW
Oscillator frequency
MHz
-40
°C ≤ T
A ≤ 85°C
1.191
1.6
2.1
Line regulation
2.7 V
≤ V
I ≤ 5.7 V, Iload = 100 mA
0.012
%/V
Load regulation
0 mA
≤ I
O ≤ 300 mA
0.2
%/A
NEGATIVE CHARGE PUMP VO2
VO2
Output voltage range
-2
V
Vref
Reference voltage
1.205
1.213
1.219
V
VFB
Feedback regulation voltage
-36
0
36
mV
IFB
Feedback input bias current
10
100
nA
Q8 P-Channel switch rDS(ON)
4.3
8
rDS(ON)
IO = 20 mA
Q9 N-Channel switch rDS(ON)
2.9
4.4
IO
Maximum output current
20
mA
Line regulation
7 V
≤ V
O1 ≤ 15 V, Iload = 10 mA, VO2 = -5 V
0.09
%/V
Load regulation
1 mA
≤ I
O ≤ 20 mA, VO2 = -5 V
0.126
%/mA
POSITIVE CHARGE PUMP VO3
VO3
Output voltage range
30
V
Vref
Reference voltage
1.205
1.213
1.219
V
VFB
Feedback regulation voltage
1.187
1.214
1.238
V
IFB
Feedback input bias current
10
100
nA
Q3 P-Channel switch rDS(ON)
9.9
15.5
Q4 N-Channel switch rDS(ON)
1.1
1.8
rDS(ON)
IO = 20 mA
Q5 P-Channel switch rDS(ON)
4.6
8.5
Q6 N-Channel switch rDS(ON)
1.2
2.2
D1 – D4 Shottky diode
Vd
ID1-D4 = 40 mA
610
720
mV
forward voltage
IO
Maximum output current
20
mA
Line regulation
10 V
≤ V
O1 ≤ 15 V, Iload = 10 mA, VO3 = 27 V
0.56
%/V
Load regulation
1 mA
≤ I
O ≤ 20 mA, VO3 = 27 V
0.05
%/mA
LINEAR REGULATOR CONTROLLER VO4
VO4
Output voltage
4.5 V
≤ V
I ≤ 5.5V, 10 mA ≤ IO ≤ 500 mA
3.2
3.3
3.4
V
4
Submit Documentation Feedback


Similar Part No. - TPS65101RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100PWP TI-TPS65100PWP Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100QPWPRQ1 TI1-TPS65100QPWPRQ1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
More results

Similar Description - TPS65101RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
logo
Maxim Integrated Produc...
MAX1997 MAXIM-MAX1997 Datasheet
766Kb / 31P
   Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com