Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65100PWPG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS65100PWPG4
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65100PWPG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65100PWPG4 Datasheet HTML 1Page - Texas Instruments TPS65100PWPG4 Datasheet HTML 2Page - Texas Instruments TPS65100PWPG4 Datasheet HTML 3Page - Texas Instruments TPS65100PWPG4 Datasheet HTML 4Page - Texas Instruments TPS65100PWPG4 Datasheet HTML 5Page - Texas Instruments TPS65100PWPG4 Datasheet HTML 6Page - Texas Instruments TPS65100PWPG4 Datasheet HTML 7Page - Texas Instruments TPS65100PWPG4 Datasheet HTML 8Page - Texas Instruments TPS65100PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
Vin
V 1
U
o
p to 15 V / 400 mA
V 3
U
o
p to 30 V / 20 mA
V 2
U
o
p to 12 V / 20 mA
V 4
3.3
o
V
Vcom
Boost
Converter
Positive Charge
Pump
Negative
Charge Pump
Vcom Buffer
Linear Regulator
Controller
TPS6510x
2.7 V to 5.8 V
TPS65100, TPS65101
TPS65105
SLVS496C – SEPTEMBER 2003 – REVISED APRIL 2006
TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
2.7-V to 5.8-V Input Voltage Range
The TPS6510x series offers a compact and small
power supply solution that provides all three voltages
1.6-MHz Fixed Switching Frequency
required by thin film transistor (TFT) LCD displays.
3 Independent Adjustable Outputs
The auxiliary linear regulator controller can be used
Main Output of up to 15 V With < 1% Output
to generate a 3.3-V logic power rail for systems
Voltage Accuracy
powered by a 5-V supply rail only.
Virtual Sychronous Converter Technology
The main output, VO1, is a 1.6-MHz, fixed-frequency
Negative Regulated Charge Pump Driver VO2
PWM boost converter providing the source drive
voltage for the LCD display. The device is available
Positive Charge Pump Converter VO3
in two versions with different internal switch current
Integrated VCOM Buffer
limits to allow the use of a smaller external inductor
Auxiliary 3.3-V Linear Regulator Controller
when
lower
output
power
is
required.
The
TPS65100/01 has a typical switch current limit of 2.3
Internal Soft Start
A, and the TPS65105 has a typical switch current
Internal Power-On Sequencing
limit of 1.37 A. A fully integrated adjustable charge
Fault Detection of all Outputs (TPS65100/05)
pump doubler/tripler provides the positive LCD gate
drive voltage. An externally adjustable negative
No Fault Detection (TPS65101)
charge pump provides the negative gate drive
Thermal Shutdown
voltage.
Due
to
the
high
1.6-MHz
switching
Available in TSSOP-24 and QFN-24
frequency of the charge pumps, inexpensive and
PowerPAD™ Packages
small 220-nF capacitors can be used.
The TPS6510x series has an integrated VCOM
buffer to power the LCD backplane. For LCD panels
TFT LCD Displays for Notebooks
powered by 5 V only, the TPS6510x series has a
TFT LCD Displays for Monitors
linear regulator controller using an external transistor
to provide a regulated 3.3-V output for the digital
Portable DVD Players
circuits. For maximum safety, the TPS65100/05 goes
Tablet PCs
into shutdown as soon as one of the outputs is out of
Car Navigation Systems
regulation. The device can be enabled again by
Industrial Displays
toggling the input or the enable (EN) pin to GND.
The TPS65101 does not enter shutdown when one
of the outputs is below its power good threshold.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65100PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100PWP TI-TPS65100PWP Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
More results

Similar Description - TPS65100PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
logo
Maxim Integrated Produc...
MAX1997 MAXIM-MAX1997 Datasheet
766Kb / 31P
   Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com