Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65101RGERG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65101RGERG4
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65101RGERG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65101RGERG4 Datasheet HTML 2Page - Texas Instruments TPS65101RGERG4 Datasheet HTML 3Page - Texas Instruments TPS65101RGERG4 Datasheet HTML 4Page - Texas Instruments TPS65101RGERG4 Datasheet HTML 5Page - Texas Instruments TPS65101RGERG4 Datasheet HTML 6Page - Texas Instruments TPS65101RGERG4 Datasheet HTML 7Page - Texas Instruments TPS65101RGERG4 Datasheet HTML 8Page - Texas Instruments TPS65101RGERG4 Datasheet HTML 9Page - Texas Instruments TPS65101RGERG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ti.com
TPS65100, TPS65101
TPS65105
SLVS496C – SEPTEMBER 2003 – REVISED APRIL 2006
DEVICE INFORMATION (continued)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NO.
NO.
NAME
(PWP)
(RGE)
VIN
4
7
I
Input voltage pin of the device
Enable pin of the device. This pin should be terminated and not be left floating. A logic
EN
24
3
I
high enables the device and a logic low shuts down the device.
COMP
22
1
Compensation pin for the main boost converter. A small capacitor is connected to this
pin.
Positive input terminal of the VCOM buffer. When the VCOM buffer is not used, this
VCOMIN
11
14
I
terminal can be connected to GND to reduce the overall quiescent current of the IC.
Enable pin of the linear regulator controller. This pin should be terminated and not be
ENR
23
2
I
left floating. Logic high enables the regulator and a logic low puts the regulator in
shutdown.
C1+
16
19
Positive terminal of the charge pump flying capacitor
C1-
17
20
Negative terminal of the charge pump flying capacitor
DRV
18
21
O
External charge pump driver
FB2
21
24
I
Feedback pin of negative charge pump
REF
20
23
O
Internal reference output typically 1.23 V
FB4
2
5
I
Feedback pin of the linear regulator controller. The linear regulator controller is set to
a fixed output voltage of 3.3 V or 3 V depending on the version.
BASE
3
6
O
Base drive output for the external transistor
GND
19
22
Ground
PGND
7, 8
10, 11
Power ground
VCOM
10
13
O
VCOM buffer output
FB3
12
15
I
Feedback pin of positive charge pump
OUT3
13
16
O
Positive charge pump output
Negative terminal of the charge pump flying capacitor and charge pump MODE pin. If
the flying capacitor is connected to this pin, the converter operates in a voltage tripler
C2-/MODE
15
18
mode. If the charge pump needs to operate in a voltage doubler mode, the flying
capacitor is removed and the C2-/MODE pin should be connected to GND.
Positive terminal for the charge pump flying capacitor. If the device runs in voltage
C2+
14
17
doubler mode, this pin should be left open.
Supply pin of the positive, negative charge pump, boost converter gate drive circuit,
and VCOM buffer. This pin should be connected to the output of the main boost
SUP
9
12
I
converter and cannot be connected to any other voltage source. For performance
reasons, it is not recommended for a bypass capacitor to be connected directly to this
pin.
FB1
1
4
I
Feedback pin of the boost converter
SW
5, 6
8, 9
I
Switch pin of the boost converter
PowerPAD™/
The PowerPad or exposed thermal die needs to be connected to the power ground
Thermal Die
pins (PGND)
6
Submit Documentation Feedback


Similar Part No. - TPS65101RGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100PWP TI-TPS65100PWP Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100QPWPRQ1 TI1-TPS65100QPWPRQ1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
More results

Similar Description - TPS65101RGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
logo
Maxim Integrated Produc...
MAX1997 MAXIM-MAX1997 Datasheet
766Kb / 31P
   Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com