Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD844JR-16-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # AD844JR-16-REEL
Description  60 MHz, 2000 V/us Monolithic Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844JR-16-REEL Datasheet(HTML) 3 Page - Analog Devices

  AD844JR-16-REEL Datasheet HTML 1Page - Analog Devices AD844JR-16-REEL Datasheet HTML 2Page - Analog Devices AD844JR-16-REEL Datasheet HTML 3Page - Analog Devices AD844JR-16-REEL Datasheet HTML 4Page - Analog Devices AD844JR-16-REEL Datasheet HTML 5Page - Analog Devices AD844JR-16-REEL Datasheet HTML 6Page - Analog Devices AD844JR-16-REEL Datasheet HTML 7Page - Analog Devices AD844JR-16-REEL Datasheet HTML 8Page - Analog Devices AD844JR-16-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. D
AD844
–3–
ORDERING GUIDE
Temperature
Package
Model
Range
Option*
AD844AN
–40
°C to +85°C
N-8
AD844ACHIPS
–40
°C to +85°CDie
AD844AQ
–40
°C to +85°C
Q-8
AD844BQ
–40
°C to +85°C
Q-8
AD844JR-16
0
°C to 70°C
R-16
AD844JR-16-REEL
0
°C to 70°C
13" Tape
and Reel
AD844JR-16-REEL7
0
°C to 70°C
7" Tape
and Reel
AD844SCHIPS
–55
°C to +125°CDie
AD844SQ
–55
°C to +125°C
Q-8
AD844SQ/883B
–55
°C to +125°C
Q-8
5962-8964401PA
–55
°C to +125°C
Q-8
*
N = Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC).
AD844J/A
AD844B
AD844S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT SLEW RATE
Overdriven
Input
1200
2000
1200
2000
1200 2000
V/
µs
FULL POWER BANDWIDTH
VOUT = 20 V p-p
5
VS =
±15 V
20
20
20
MHz
VOUT = 2 V p-p
5
VS =
±5 V
20
20
20
MHz
THD = 3%
OUTPUT CHARACTERISTICS
Voltage
RLOAD = 500
10
11
10
11
10
11
±V
Short Circuit Current
80
80
80
mA
TMIN–TMAX
60
60
60
mA
Output Resistance
Open Loop
15
15
15
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
+4.5
±18
V
Quiescent Current
6.5
7.5
6.5
7.5
6.5
7.5
mA
TMIN–TMAX
7.5
8.5
7.5
8.5
8.5
9.5
mA
NOTES
1Rated performance after a 5 minute warmup at T
A = 25
°C.
2Input signal 285 mV p-p carrier (40 IRE) riding on 0 mV to 642 mV (90 IRE) ramp. R
L= 100
Ω; R1, R2 = 300 Ω.
3Input signal 0 dBm, C
L = 10 pF, RL = 500
Ω, R1 = 500 Ω, R2 = 500 Ω in Figure 2.
4Input signal 0 dBm, C
L =10 pF, RL = 500
Ω, R1 = 500 Ω, R2 = 50 Ω in Figure 2.
5C
L = 10 pF, RL = 500
Ω, R1 = 1 kΩ, R2 = 1 kΩ in Figure 2.
6C
L = 10 pF, RL = 500
Ω, R1 = 500 Ω, R2 = 50 Ω in Figure 2.
Specifications subject to change without notice. All min and max specifications are guaranteed.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Power Dissipation
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Inverting Input Current
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 mA
Transient . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 V
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device
reliability.
28-Lead Plastic Package:
θ
JA = 90
°C/W
8-Lead Cerdip Package:
θ
JA = 110
°C/W
16-Lead SOIC Package:
θ
JA = 100
°C/W
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimension shown in inches and (mm).


Similar Part No. - AD844JR-16-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844JR-16-REEL AD-AD844JR-16-REEL Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844JR-16-REEL7 AD-AD844JR-16-REEL7 Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
More results

Similar Description - AD844JR-16-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
[Old version datasheet]   5-MHz, 15-V/us high slew-rate, RRIO op amp
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
   25MHz, 600V/us Op Amp
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
   12MHz, 400V/us Op Amp
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
   70MHz, 1000V/us Op Amp
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com