Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8883B Datasheet(PDF) 8 Page - Analog Devices

Part # AD8883B
Description  60 MHz, 2000 V/us Monolithic Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8883B Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8883B Datasheet HTML 4Page - Analog Devices AD8883B Datasheet HTML 5Page - Analog Devices AD8883B Datasheet HTML 6Page - Analog Devices AD8883B Datasheet HTML 7Page - Analog Devices AD8883B Datasheet HTML 8Page - Analog Devices AD8883B Datasheet HTML 9Page - Analog Devices AD8883B Datasheet HTML 10Page - Analog Devices AD8883B Datasheet HTML 11Page - Analog Devices AD8883B Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. D
AD844
–8–
Table I.
Gain
R1
R2
BW (MHz)
GBW (MHz)
–1
1 k
1 k
35
35
–1
500
500
60
60
–2
2 k
1 k
15
30
–2
1 k
500
30
60
–5
5 k
1 k
5.2
26
–5
500
100
49
245
–10
1 k
100
23
230
–10
500
50
33
330
–20
1 k
50
21
420
–100
5 k
50
3.2
320
+100
5 k
50
9
900
Response as an I-V Converter
The AD844 works well as the active element in an operational
current to voltage converter, used in conjunction with an exter-
nal scaling resistor, R1, in Figure 3. This analysis includes the
stray capacitance, CS, of the current source, which might be a
high speed DAC. Using a conventional op amp, this capacitance
forms a “nuisance pole” with R1 which destabilizes the closed
loop response of the system. Most op amps are internally com-
pensated for the fastest response at unity gain, so the pole due
to R1 and CS reduces the already narrow phase margin of the
system. For example, if R1 were 2.5 k
Ω a CS of 15 pF would
place this pole at a frequency of about 4 MHz, well within the
response range of even a medium speed operational amplifier.
In a current feedback amp this nuisance pole is no longer deter-
mined by R1 but by the input resistance, RIN. Since this is about
50
Ω for the AD844, the same 15 pF forms a pole 212 MHz
and causes little trouble. It can be shown that theresponse of
this system is:
V
OUT = – Isig
KR1
(1
+ sTd )(1+ sTn)
where K is a factor very close to unity and represents the finite
dc gain of the amplifier, Td is the dominant pole and Tn is the
nuisance pole:
K
R
RR
t
t
=
+ 1
Td = KR1Ct
Tn = RINCS (assuming RIN << R1)
Using typical values of R1 = 1 k
Ω and R
t = 3 M
Ω, K is 0.9997;
in other words, the “gain error” is only 0.03%. This is much less
than the scaling error of virtually all DACs and can be absorbed,
if necessary, by the trim needed in a precise system.
In the AD844, Rt is fairly stable with temperature and supply
voltages, and consequently the effect of finite “gain” is negli-
gible unless high value feedback resistors are used. Since that
would result in slower response times than are possible, the
relatively low value of Rt in the AD844 will rarely be a signifi-
cant source of error.
VOUT
R1
AD844
RL
CL
ISIG
CS
Figure 3. Current-to-Voltage Converter
Circuit Description of the AD844
A simplified schematic is shown in Figure 4. The AD844 differs
from a conventional op amp in that the signal inputs have
radically different impedance. The noninverting input (Pin 3)
presents the usual high impedance. The voltage on this input is
transferred to the inverting input (Pin 2) with a low offset
voltage, ensured by the close matching of like polarity transis-
tors operating under essentially identical bias conditions. Laser
trimming nulls the residual offset voltage, down to a few
tens of microvolts. The inverting input is the common emitter
node of a complementary pair of grounded base stages and
behaves as a current summing node. In an ideal current feed-
back op amp the input resistance would be zero. In the AD844
it is about 50
Ω.
A current applied to the inverting input is transferred to a
complementary pair of unity-gain current mirrors which deliver
the same current to an internal node (Pin 5) at which the full
output voltage is generated. The unity-gain complementary
voltage follower then buffers this voltage and provides the load
driving power. This buffer is designed to drive low impedance
loads such as terminated cables, and can deliver
±50 mA into a
50
Ω load while maintaining low distortion, even when operat-
ing at supply voltages of only
± 6 V. Current limiting (not
shown) ensures safe operation under short circuited conditions.
+IN
OUT
32
5
6
7
4
–IN
+VS
–VS
TZ
IB
IB
Figure 4. Simplified Schematic


Similar Part No. - AD8883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD880 AD-AD880 Datasheet
341Kb / 4P
   Optical Disk Servo/Data Channel Processing Element
AD8801 AD-AD8801 Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801AN AD-AD8801AN Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801AN AD-AD8801AN Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801AR AD-AD8801AR Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
More results

Similar Description - AD8883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
[Old version datasheet]   5-MHz, 15-V/us high slew-rate, RRIO op amp
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
   25MHz, 600V/us Op Amp
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
   12MHz, 400V/us Op Amp
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
   70MHz, 1000V/us Op Amp
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com