Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR8AM600-12 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # CR8AM600-12
Description  Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR8AM600-12 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  CR8AM600-12 Datasheet HTML 1Page - Powerex Power Semiconductors CR8AM600-12 Datasheet HTML 2Page - Powerex Power Semiconductors CR8AM600-12 Datasheet HTML 3Page - Powerex Power Semiconductors CR8AM600-12 Datasheet HTML 4Page - Powerex Power Semiconductors CR8AM600-12 Datasheet HTML 5Page - Powerex Power Semiconductors CR8AM600-12 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
CR8AM
Lead-mount, Phase Control SCR
8 Amperes/400-600 Volts
GATE TRIGGER CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-40
100
101
102
103
0
40
80
120
160
GATE TRIGGER VOLTAGE
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-40
0
40
80
120
0
0.2
0.4
0.6
0.8
1.0
TYPICAL EXAMPLE
DISTRIBUTION
HOLDING CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-40
100
101
102
103
0
40
80
120
160
VD = 12V
RGK = 1k
TYPICAL EXAMPLE
DISTRIBUTION
GATE TRIGGER CURRENT, IGT, (mA)
0
2
4
6
8
10 12 14 16 18 20
Ta = 25°C
0
5
10
15
20
25
30
35
40
45
50
HOLDING CURRENT
VS. GATE TRIGGER CURRENT
BREAKOVER VOLTAGE
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-40
0
40
80
120
160
RGK = 1k
0
40
80
120
160
0
40
80
120
160
BREAKOVER VOLTAGE VS.
RATE OF RISE OF OFF-STATE VOLTAGE
(TYPICAL)
RATE OF RISE OF
OFF-STATE VOLTAGE, dv/dt, (V/ s)
101
102
103
104
IGT = 7.2mA
EXPONENTIAL WAVE
Tj = 125°C
RGK = 1k
4.7mA
REPETITIVE PEAK REVERSE VOLTAGE
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-40
0
40
80
120
160
0
40
80
120
160
GATE TRIGGER CURRENT
VS. GATE CURRENT PULSE WIDTH
(TYPICAL)
GATE CURRENT PULSE WIDTH, tw, ( s)
102
101
103
104
10-1
100
101
102
Tj = 25°C
RGK = 1k
tw
0.1 s
0
4
8
12
16
20
24
28
32
MAXIMUM
ON-STATE POWER DISSIPATION
(RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
= 30
°
60
°
90
°
4
8
12
16
360
°
120
°
180
°
270
°
DC
RESISTIVE,
INDUCTIVE LOADS
P-49


Similar Part No. - CR8AM600-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR8AM MITSUBISHI-CR8AM Datasheet
70Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR8AM RENESAS-CR8AM Datasheet
107Kb / 6P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
CR8AM RENESAS-CR8AM_15 Datasheet
131Kb / 8P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results

Similar Description - CR8AM600-12

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CR6CM POWEREX-CR6CM Datasheet
84Kb / 6P
   Lead-mount, Phase Control SCR 6 Amperes/400-600 Volts
CR04AM POWEREX-CR04AM Datasheet
90Kb / 6P
   Lead-Mount, Phase Control SCR 0.4 Amperes/400-600 Volts
CR3CM POWEREX-CR3CM Datasheet
77Kb / 4P
   Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts
CR03AM POWEREX-CR03AM Datasheet
69Kb / 4P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
CR02AM POWEREX-CR02AM Datasheet
85Kb / 6P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
CR08AS POWEREX-CR08AS Datasheet
92Kb / 6P
   Surface Mount, Phase Control SCR 0.8 Amperes/400-600 Volts
CR5AS POWEREX-CR5AS Datasheet
85Kb / 6P
   Surface Mount, Phase Control SCR 5 Amperes/400-600 Volts
T625 POWEREX-T625 Datasheet
717Kb / 4P
   Phase Control SCR (300-400 Amperes 1200 Volts)
C390X500 POWEREX-C390X500 Datasheet
843Kb / 4P
   Phase Control SCR 620 Amperes Average 600 Volts
C390AX550 POWEREX-C390AX550 Datasheet
163Kb / 4P
   Phase Control SCR 620 Amperes Avg 100-400 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com