Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ48 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # P6SMBJ48
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6SMBJ48 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  P6SMBJ48 Datasheet HTML 1Page - Pan Jit International Inc. P6SMBJ48 Datasheet HTML 2Page - Pan Jit International Inc. P6SMBJ48 Datasheet HTML 3Page - Pan Jit International Inc. P6SMBJ48 Datasheet HTML 4Page - Pan Jit International Inc. P6SMBJ48 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-MAY.25.2007
P6SMBJ SERIES
r
e
b
m
u
N
t
r
a
P
V RW M
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
I T
-
I
N
U
-
I
B
I
N
U
I
B
V
V
V
A
m
µ
µ
µ
µ
µ A
µ
µ
µ
µ
µ A
V
AI
N
U
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
6
0
.
5
J
B
M
S
6
P
C
0
.
5
J
B
M
S
6
P
5
4
.
6
5
5
.
7
0
1
0
0
8
0
0
6
1
6
.
9
5
.
2
6
D
K
D
A
A
0
.
5
J
B
M
S
6
P
A
C
0
.
5
J
B
M
S
6
P
5
4
.
6
5
2
.
7
0
1
0
0
8
0
0
6
1
2
.
9
2
.
5
6
E
K
E
A
0
.
6
J
B
M
S
6
P
C
0
.
6
J
B
M
S
6
P
6
7
6
.
6
5
4
.
8
0
1
0
0
8
0
0
6
1
4
.
1
1
6
.
2
5
F
K
F
A
A
0
.
6
J
B
M
S
6
P
A
C
0
.
6
J
B
M
S
6
P
6
7
6
.
6
7
6
.
7
0
1
0
0
8
0
0
6
1
3
.
0
1
3
.
8
5
G
K
G
A
5
.
6
J
B
M
S
6
P
C
5
.
6
J
B
M
S
6
P
5
.
6
2
2
.
7
4
1
.
9
0
1
0
0
5
0
0
0
1
3
.
2
1
7
.
8
4
H
K
H
A
A
5
.
6
J
B
M
S
6
P
A
C
5
.
6
J
B
M
S
6
P
5
.
6
2
2
.
7
0
3
.
8
0
1
0
0
5
0
0
0
1
2
.
1
1
6
.
3
5
K
K
K
A
0
.
7
J
B
M
S
6
P
C
0
.
7
J
B
M
S
6
P
7
8
7
.
7
6
8
.
9
0
1
0
0
2
0
0
4
3
.
3
1
1
.
5
4
L
K
L
A
A
0
.
7
J
B
M
S
6
P
A
C
0
.
7
J
B
M
S
6
P
7
8
7
.
7
5
9
.
8
0
1
0
0
2
0
0
4
0
.
2
1
0
5
M
K
M
A
5
.
7
J
B
M
S
6
P
C
5
.
7
J
B
M
S
6
P
5
.
7
3
3
.
8
7
6
.
0
1
1
0
0
1
0
0
2
3
.
4
1
2
4
N
K
N
A
A
5
.
7
J
B
M
S
6
P
A
C
5
.
7
J
B
M
S
6
P
5
.
7
3
3
.
8
8
5
.
9
1
0
0
1
0
0
2
9
.
2
1
5
.
6
4
P
K
P
A
0
.
8
J
B
M
S
6
P
C
0
.
8
J
B
M
S
6
P
8
9
8
.
8
3
.
1
1
1
0
5
0
0
1
0
.
5
1
0
4
Q
K
Q
A
A
0
.
8
J
B
M
S
6
P
A
C
0
.
8
J
B
M
S
6
P
8
9
8
.
8
3
2
.
0
1
1
0
5
0
0
1
6
.
3
1
1
.
4
4
R
K
R
A
5
.
8
J
B
M
S
6
P
C
5
.
8
J
B
M
S
6
P
5
.
8
4
4
.
9
2
9
.
1
1
1
0
1
0
2
9
.
5
1
7
.
7
3
S
K
S
A
A
5
.
8
J
B
M
S
6
P
A
C
5
.
8
J
B
M
S
6
P
5
.
8
4
4
.
9
2
8
.
0
1
1
0
1
0
2
4
.
4
1
7
.
1
4
T
K
T
A
0
.
9
J
B
M
S
6
P
C
0
.
9
J
B
M
S
6
P
9
0
1
6
.
2
1
1
5
5
9
.
6
1
5
.
5
3
U
K
U
A
A
0
.
9
J
B
M
S
6
P
A
C
0
.
9
J
B
M
S
6
P
9
0
1
5
.
1
1
1
5
5
4
.
5
1
9
3
V
K
V
A
0
1
J
B
M
S
6
P
C
0
1
J
B
M
S
6
P
0
1
1
.
1
1
1
.
4
1
1
5
5
8
.
8
1
9
.
1
3
W
K
W
A
A
0
1
J
B
M
S
6
P
A
C
0
1
J
B
M
S
6
P
0
1
1
.
1
1
8
.
2
1
1
5
5
7
1
3
.
5
3
X
K
X
A
1
1
J
B
M
S
6
P
C
1
1
J
B
M
S
6
P
1
1
2
.
2
1
4
.
5
1
1
5
5
1
.
0
2
9
.
9
2
Y
K
Y
A
A
1
1
J
B
M
S
6
P
A
C
1
1
J
B
M
S
6
P
1
1
2
.
2
1
4
1
1
5
5
2
.
8
1
3
3
Z
K
Z
A
2
1
J
B
M
S
6
P
C
2
1
J
B
M
S
6
P
2
1
3
.
3
1
9
.
6
1
1
5
5
2
2
3
.
7
2
D
L
D
B
A
2
1
J
B
M
S
6
P
A
C
2
1
J
B
M
S
6
P
2
1
3
.
3
1
3
.
5
1
1
5
5
9
.
9
1
2
.
0
3
E
L
E
B
3
1
J
B
M
S
6
P
C
3
1
J
B
M
S
6
P
3
1
4
.
4
1
2
.
8
1
1
5
5
8
.
3
2
2
.
5
2
F
L
F
B
A
3
1
J
B
M
S
6
P
A
C
3
1
J
B
M
S
6
P
3
1
4
.
4
1
5
.
6
1
1
5
5
5
.
1
2
9
.
7
2
G
L
G
B
4
1
J
B
M
S
6
P
C
4
1
J
B
M
S
6
P
4
1
6
.
5
1
8
.
9
1
1
5
5
8
.
5
2
3
.
3
2
H
L
H
B
A
4
1
J
B
M
S
6
P
A
C
4
1
J
B
M
S
6
P
4
1
6
.
5
1
9
.
7
1
1
5
5
2
.
3
2
8
.
5
2
K
L
K
B
5
1
J
B
M
S
6
P
C
5
1
J
B
M
S
6
P
5
1
7
.
6
1
1
.
1
2
1
5
5
9
.
6
2
3
.
2
2
L
L
L
B
A
5
1
J
B
M
S
6
P
A
C
5
1
J
B
M
S
6
P
5
1
7
.
6
1
2
.
9
1
1
5
5
4
.
4
2
4
2
M
L
M
B
6
1
J
B
M
S
6
P
C
6
1
J
B
M
S
6
P
6
1
8
.
7
1
6
.
2
2
1
5
5
8
.
8
2
8
.
0
2
N
L
N
B
A
6
1
J
B
M
S
6
P
A
C
6
1
J
B
M
S
6
P
6
1
8
.
7
1
5
.
0
2
1
5
5
6
2
1
.
3
2
P
L
P
B
7
1
J
B
M
S
6
P
C
7
1
J
B
M
S
6
P
7
1
9
.
8
1
9
.
3
2
1
5
5
5
.
0
3
7
.
9
1
Q
L
Q
B
A
7
1
J
B
M
S
6
P
A
C
7
1
J
B
M
S
6
P
7
1
9
.
8
1
7
.
1
2
1
5
5
6
.
7
2
7
.
1
2
R
L
R
B
8
1
J
B
M
S
6
P
C
8
1
J
B
M
S
6
P
8
1
0
2
3
.
5
2
1
5
5
2
.
2
3
6
.
8
1
S
L
S
B
A
8
1
J
B
M
S
6
P
A
C
8
1
J
B
M
S
6
P
8
1
0
2
3
.
3
2
1
5
5
2
.
9
2
5
.
0
2
T
L
T
B
0
2
J
B
M
S
6
P
C
0
2
J
B
M
S
6
P
0
2
2
.
2
2
1
.
8
2
1
5
5
8
.
5
3
7
.
6
1
U
L
U
B
A
0
2
J
B
M
S
6
P
A
C
0
2
J
B
M
S
6
P
0
2
2
.
2
2
5
.
5
2
1
5
5
4
.
2
3
5
.
8
1
V
L
V
B
2
2
J
B
M
S
6
P
C
2
2
J
B
M
S
6
P
2
2
4
.
4
2
9
.
0
3
1
5
5
4
.
9
3
2
.
5
1
W
L
W
B
A
2
2
J
B
M
S
6
P
A
C
2
2
J
B
M
S
6
P
2
2
4
.
4
2
8
2
1
5
5
5
.
5
3
9
.
6
1
X
L
X
B
4
2
J
B
M
S
6
P
C
4
2
J
B
M
S
6
P
4
2
7
.
6
2
8
.
3
3
1
5
5
3
4
4
1
Y
L
Y
B
A
4
2
J
B
M
S
6
P
A
C
4
2
J
B
M
S
6
P
4
2
7
.
6
2
7
.
0
3
1
5
5
9
.
8
3
4
.
5
1
Z
L
Z
B
6
2
J
B
M
S
6
P
C
6
2
J
B
M
S
6
P
6
2
9
.
8
2
6
.
6
3
1
5
5
6
.
6
4
4
.
2
1
D
M
D
C
A
6
2
J
B
M
S
6
P
A
C
6
2
J
B
M
S
6
P
6
2
9
.
8
2
2
.
3
3
1
5
5
1
.
2
4
2
.
4
1
E
M
E
C
8
2
J
B
M
S
6
P
C
8
2
J
B
M
S
6
P
8
2
1
.
1
3
4
.
9
3
1
5
5
0
5
2
1
F
M
F
C
A
8
2
J
B
M
S
6
P
A
C
8
2
J
B
M
S
6
P
8
2
1
.
1
3
8
.
5
3
1
5
5
4
.
5
4
2
.
3
1
G
M
G
C
0
3
J
B
M
S
6
P
C
0
3
J
B
M
S
6
P
0
3
3
.
3
3
2
.
2
4
1
5
5
5
.
3
5
2
.
1
1
H
M
H
C
A
0
3
J
B
M
S
6
P
A
C
0
3
J
B
M
S
6
P
0
3
3
.
3
3
3
.
8
3
1
5
5
4
.
8
4
4
.
2
1
K
M
K
C
3
3
J
B
M
S
6
P
C
3
3
J
B
M
S
6
P
3
3
7
.
6
3
5
.
6
4
1
5
5
9
5
2
.
0
1
L
M
L
C
A
3
3
J
B
M
S
6
P
A
C
3
3
J
B
M
S
6
P
3
3
7
.
6
3
2
.
2
4
1
5
5
3
.
3
5
3
.
1
1
M
M
M
C
6
3
J
B
M
S
6
P
C
6
3
J
B
M
S
6
P
6
3
0
4
7
.
0
5
1
5
5
3
.
4
6
3
.
9
N
M
N
C
A
6
3
J
B
M
S
6
P
A
C
6
3
J
B
M
S
6
P
6
3
0
4
6
4
1
5
5
1
.
8
5
3
.
0
1
P
M
P
C
0
4
J
B
M
S
6
P
C
0
4
J
B
M
S
6
P
0
4
4
.
4
4
3
.
6
5
1
5
5
4
.
1
7
4
.
8
Q
M
Q
C
A
0
4
J
B
M
S
6
P
A
C
0
4
J
B
M
S
6
P
0
4
4
.
4
4
1
.
1
5
1
5
5
5
.
4
6
3
.
9
R
M
R
C


Similar Part No. - P6SMBJ48

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ48 PANJIT-P6SMBJ48 Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Frontier Electronics.
P6SMBJ48 FRONTIER-P6SMBJ48 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ48 SURGE-P6SMBJ48 Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Pan Jit International I...
P6SMBJ48 PANJIT-P6SMBJ48 Datasheet
145Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
P6SMBJ48 TRSYS-P6SMBJ48 Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ48

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com