Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ48 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # P6SMBJ48
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6SMBJ48 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  P6SMBJ48 Datasheet HTML 1Page - Pan Jit International Inc. P6SMBJ48 Datasheet HTML 2Page - Pan Jit International Inc. P6SMBJ48 Datasheet HTML 3Page - Pan Jit International Inc. P6SMBJ48 Datasheet HTML 4Page - Pan Jit International Inc. P6SMBJ48 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-MAY.25.2007
P6SMBJ SERIES
r
e
b
m
u
N
t
r
a
P
V RW M
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
I T
-
I
N
U
-
I
B
I
N
U
I
B
V
V
V
A
m
µ
µ
µ
µ
µ A
µ
µ
µ
µ
µ A
V
AI
N
U
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
6
3
4
J
B
M
S
6
P
C
3
4
J
B
M
S
6
P
3
4
8
.
7
4
5
.
0
6
1
5
5
7
.
6
7
8
.
7
S
M
S
C
A
3
4
J
B
M
S
6
P
A
C
3
4
J
B
M
S
6
P
3
4
8
.
7
4
9
.
4
5
1
5
5
4
.
9
6
6
.
8
T
M
T
C
5
4
J
B
M
S
6
P
C
5
4
J
B
M
S
6
P
5
4
0
5
3
.
3
6
1
5
5
3
.
0
8
5
.
7
U
M
U
C
A
5
4
J
B
M
S
6
P
A
C
5
4
J
B
M
S
6
P
5
4
0
5
5
.
7
5
1
5
5
7
.
2
7
3
.
8
V
M
V
C
8
4
J
B
M
S
6
P
C
8
4
J
B
M
S
6
P
8
4
3
.
3
5
5
.
7
6
1
5
5
5
.
5
8
7
W
M
W
C
A
8
4
J
B
M
S
6
P
A
C
8
4
J
B
M
S
6
P
8
4
3
.
3
5
3
.
1
6
1
5
5
4
.
7
7
7
.
7
X
M
X
C
1
5
J
B
M
S
6
P
C
1
5
J
B
M
S
6
P
1
5
7
.
6
5
8
.
1
7
1
5
5
1
.
1
9
6
.
6
Y
M
Y
C
A
1
5
J
B
M
S
6
P
A
C
1
5
J
B
M
S
6
P
1
5
7
.
6
5
2
.
5
6
1
5
5
4
.
2
8
3
.
7
Z
M
Z
C
4
5
J
B
M
S
6
P
C
4
5
J
B
M
S
6
P
4
5
0
6
6
7
1
5
5
3
.
6
9
2
.
6
D
N
D
D
A
4
5
J
B
M
S
6
P
A
C
4
5
J
B
M
S
6
P
4
5
0
6
9
6
1
5
5
1
.
7
8
9
.
6
E
N
E
D
8
5
J
B
M
S
6
P
C
8
5
J
B
M
S
6
P
8
5
4
.
4
6
6
.
1
8
1
5
5
3
0
1
8
.
5
F
N
F
D
A
8
5
J
B
M
S
6
P
A
C
8
5
J
B
M
S
6
P
8
5
4
.
4
6
1
.
4
7
1
5
5
6
.
3
9
4
.
6
G
N
G
D
0
6
J
B
M
S
6
P
C
0
6
J
B
M
S
6
P
0
6
7
.
6
6
5
.
4
8
1
5
5
7
0
1
6
.
5
H
N
H
D
A
0
6
J
B
M
S
6
P
A
C
0
6
J
B
M
S
6
P
0
6
7
.
6
6
7
.
6
7
1
5
5
8
.
6
9
2
.
6
K
N
K
D
4
6
J
B
M
S
6
P
C
4
6
J
B
M
S
6
P
4
6
1
.
1
7
1
.
0
9
1
5
5
4
1
1
3
.
5
L
N
L
D
A
4
6
J
B
M
S
6
P
A
C
4
6
J
B
M
S
6
P
4
6
1
.
1
7
8
.
1
8
1
5
5
3
0
1
8
.
5
M
N
M
D
0
7
J
B
M
S
6
P
C
0
7
J
B
M
S
6
P
0
7
8
.
7
7
6
.
8
9
1
5
5
5
2
1
8
.
4
N
N
N
D
A
0
7
J
B
M
S
6
P
A
C
0
7
J
B
M
S
6
P
0
7
8
.
7
7
5
.
9
8
1
5
5
3
1
1
3
.
5
P
N
P
D
5
7
J
B
M
S
6
P
C
5
7
J
B
M
S
6
P
5
7
3
.
3
8
7
.
5
0
1
1
5
5
4
3
1
5
.
4
Q
N
Q
D
A
5
7
J
B
M
S
6
P
A
C
5
7
J
B
M
S
6
P
5
7
3
.
3
8
8
.
5
9
1
5
5
1
2
1
9
.
4
R
N
R
D
8
7
J
B
M
S
6
P
C
8
7
J
B
M
S
6
P
8
7
7
.
6
8
8
.
9
0
1
1
5
5
9
3
1
3
.
4
S
N
S
D
A
8
7
J
B
M
S
6
P
A
C
8
7
J
B
M
S
6
P
8
7
7
.
6
8
7
.
9
9
1
5
5
6
2
1
7
.
4
T
N
T
D
5
8
J
B
M
S
6
P
C
5
8
J
B
M
S
6
P
5
8
4
.
4
9
2
.
9
1
1
1
5
5
1
5
1
9
.
3
U
N
U
D
A
5
8
J
B
M
S
6
P
A
C
5
8
J
B
M
S
6
P
5
8
4
.
4
9
2
.
8
0
1
1
5
5
7
3
1
4
.
4
V
N
V
D
0
9
J
B
M
S
6
P
C
0
9
J
B
M
S
6
P
0
9
0
0
1
5
.
6
2
1
1
5
5
0
6
1
8
.
3
W
N
W
D
A
0
9
J
B
M
S
6
P
A
C
0
9
J
B
M
S
6
P
0
9
0
0
1
5
.
5
1
1
1
5
5
6
4
1
1
.
4
X
N
X
D
0
0
1
J
B
M
S
6
P
C
0
0
1
J
B
M
S
6
P
0
0
1
1
1
1
1
4
1
1
5
5
9
7
1
4
.
3
Y
N
Y
D
A
0
0
1
J
B
M
S
6
P
A
C
0
0
1
J
B
M
S
6
P
0
0
1
1
1
1
8
2
1
1
5
5
2
6
1
7
.
3
Z
N
Z
D
0
1
1
J
B
M
S
6
P
C
0
1
1
J
B
M
S
6
P
0
1
1
2
2
1
5
.
4
5
1
1
5
5
6
9
1
3
D
P
D
E
A
0
1
1
J
B
M
S
6
P
A
C
0
1
1
J
B
M
S
6
P
0
1
1
2
2
1
5
.
0
4
1
1
5
5
7
7
1
4
.
3
E
P
E
E
0
2
1
J
B
M
S
6
P
C
0
2
1
J
B
M
S
6
P
0
2
1
3
3
1
9
6
1
1
5
5
4
1
2
8
.
2
F
P
F
E
A
0
2
1
J
B
M
S
6
P
A
C
0
2
1
J
B
M
S
6
P
0
2
1
3
3
1
3
5
1
1
5
5
3
9
1
1
.
3
G
P
G
E
0
3
1
J
B
M
S
6
P
C
0
3
1
J
B
M
S
6
P
0
3
1
4
4
1
5
.
2
8
1
1
5
5
1
3
2
6
.
2
H
P
H
E
A
0
3
1
J
B
M
S
6
P
A
C
0
3
1
J
B
M
S
6
P
0
3
1
4
4
1
5
.
5
6
1
1
5
5
9
0
2
9
.
2
K
P
K
E
0
5
1
J
B
M
S
6
P
C
0
5
1
J
B
M
S
6
P
0
5
1
7
6
1
5
.
1
1
2
1
5
5
8
6
2
2
.
2
L
P
L
E
A
0
5
1
J
B
M
S
6
P
A
C
0
5
1
J
B
M
S
6
P
0
5
1
7
6
1
5
.
2
9
1
1
5
5
3
4
2
5
.
2
M
P
M
E
0
6
1
J
B
M
S
6
P
C
0
6
1
J
B
M
S
6
P
0
6
1
8
7
1
6
2
2
1
5
5
7
8
2
1
.
2
N
P
N
E
A
0
6
1
J
B
M
S
6
P
A
C
0
6
1
J
B
M
S
6
P
0
6
1
8
7
1
5
0
2
1
5
5
9
5
2
3
.
2
P
P
P
E
0
7
1
J
B
M
S
6
P
C
0
7
1
J
B
M
S
6
P
0
7
1
9
8
1
5
.
9
3
2
1
5
5
4
0
3
2
Q
P
Q
E
A
0
7
1
J
B
M
S
6
P
A
C
0
7
1
J
B
M
S
6
P
0
7
1
9
8
1
5
.
7
1
2
1
5
5
5
7
2
2
.
2
R
P
R
E
0
8
1
J
B
M
S
6
P
C
0
8
1
J
B
M
S
6
P
0
8
1
8
9
1
8
.
3
5
2
1
5
5
2
2
3
9
.
1
S
P
S
E
A
0
8
1
J
B
M
S
6
P
A
C
0
8
1
J
B
M
S
6
P
0
8
1
8
9
1
4
.
0
3
2
1
5
5
2
9
2
1
.
2
T
P
T
E
0
9
1
J
B
M
S
6
P
C
0
9
1
J
B
M
S
6
P
0
9
1
9
0
2
9
.
7
6
2
1
5
5
0
4
3
8
.
1
U
P
U
E
A
0
9
1
J
B
M
S
6
P
A
C
0
9
1
J
B
M
S
6
P
0
9
1
9
0
2
2
.
3
4
2
1
5
5
8
0
3
2
V
P
V
E
0
0
2
J
B
M
S
6
P
C
0
0
2
J
B
M
S
6
P
0
0
2
0
2
2
2
8
2
1
5
5
8
5
3
7
.
1
W
P
W
E
A
0
0
2
J
B
M
S
6
P
A
C
0
0
2
J
B
M
S
6
P
0
0
2
0
2
2
6
5
2
1
5
5
4
2
3
9
.
1
X
P
X
E
0
1
2
J
B
M
S
6
P
C
0
1
2
J
B
M
S
6
P
0
1
2
1
3
2
1
.
6
9
2
1
5
5
6
7
3
6
.
1
Y
P
Y
E
A
0
1
2
J
B
M
S
6
P
A
C
0
1
2
J
B
M
S
6
P
0
1
2
1
3
2
8
.
8
6
2
1
5
5
0
4
3
8
.
1
Z
P
Z
E
0
2
2
J
B
M
S
6
P
C
0
2
2
J
B
M
S
6
P
0
2
2
2
4
2
2
.
0
1
3
1
5
5
4
9
3
5
.
1
D
Q
D
F
A
0
2
2
J
B
M
S
6
P
A
C
0
2
2
J
B
M
S
6
P
0
2
2
2
4
2
6
.
1
8
2
1
5
5
6
5
3
7
.
1
E
Q
E
F


Similar Part No. - P6SMBJ48

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ48 PANJIT-P6SMBJ48 Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Frontier Electronics.
P6SMBJ48 FRONTIER-P6SMBJ48 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ48 SURGE-P6SMBJ48 Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Pan Jit International I...
P6SMBJ48 PANJIT-P6SMBJ48 Datasheet
145Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
P6SMBJ48 TRSYS-P6SMBJ48 Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ48

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com