Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3886 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL3886
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3886 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL3886 Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
®
FN8070
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. PRISM® is a registered trademark of Intersil Americas Inc.
PRISM Duette™ and PRISM and design are trademarks of Intersil Americas Inc. All other trademarks mentioned are the property of their respective owner.
ISL3886
Wireless LAN Integrated Medium Access
Controller with Baseband Processor
The Intersil ISL3886 Wireless LAN
Integrated Media Access Controller
with Baseband Processor is part of
the PRISM Duette™, Dual Band
radio chipset. The ISL3886 directly interfaces with Intersil’s
ISL3692 Dual Band Direct Conversion transceiver. Adding
Intersil’s ISL3092 10GHz VCO and Intersil’s ISL3992 Dual Band
Power Amp completes an end-to-end WLAN Chipset solution
compliant with 802.11a/b/g/h/i/j standards. The 802.11 protocol
is implemented in firmware supporting custom WLAN
solutions.
Software implements the full IEEE 802.11 Wireless LAN
MAC protocol. It supports BSS and IBSS operation under
DCF, and operation under the optional Point Coordination
Function (PCF). Active scanning is performed autonomously
once initiated by host command. Host interface command
and status handshakes allow concurrent operations from
multi-threaded I/O drivers.
Orthogonal Frequency Division Multiplexing (OFDM) of 52
sub-carriers modulated with BPSK, QPSK, 16QAM or
64QAM and a variety of convolutional coding rates provides
8 selectable data rates at 2.4GHz and 5GHz. Differential
phase shift keying modulation schemes, DBPSK and
DQPSK with data scrambling capability along with
Complementary Code Keying provide an additional 4
selectable data rates at 2.4GHz.
Built-in flexibility allows the ISL3886 to be configured for a
range of applications. The MAC is based on the ARM 946E
processor core that offers a wide variety of code
development support tools.
The ISL3886 is housed in a thin plastic BGA package
suitable for CardBus or Mini-PCI circuit card applications.
Ordering Information
Features
• Firmware implements the full IEEE 802.11a/b/g/h/i/j
Wireless LAN MAC protocols
• Internal WEP Engine allows 64 or 128 bit Encryption
• AES Hardware Accelerator
• Start-up modes allow the PCI configuration registers or
the Card Bus card information structure to be Initialized
from a small external serial EEPROM. This allows
firmware to be downloaded from the host.
• On-chip SRAM memory
A low frequency crystal oscillator can maintain time, which
allows the high frequency clock source to be powered off
during sleep mode.
• Firmware controlled antenna diversity
• Data Rates: 1, 2, 5.5, 6, 9, 11, 12, 18, 24, 36, 48, & 54Mbps
• Modulation . . OFDM with BPSK, QPSK, 16QAM, 64QAM
DBPSK, DQPSK, CCK
• Convolutional coding and interleaving on all OFDM rates
Targeted for OFDM Multipath Delay Spreads >800ns for
6Mbps, and >100ns for 54Mbps
Targeted for CCK Multipath Delay Spreads >90ns at
11Mbps, >200ns at 5.5Mbps and >360ns at 1 and 2Mbps
• Direct interface with the ISL3690
Direct Conversion
transceiver
• High Data Rate Wireless LAN Systems targeting the IEEE
802.11a and b/g standards.
• Cardbus32 Wireless LAN Adapters
• Mini-PCI Wireless LAN Cards
• 3V PCI Wireless LAN Adapters
Simplified Block Diagram
PART
NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG. DWG. #
ISL3886IK
-40 to 85
256 Lead BGA
V256.17x17A
ISL3886IK-TK
-40 to 85
Tape and Reel
MAC
BB
PROCESSOR
A/D
D/A
ISL3886
SRAM
Data Sheet
July 2003


Similar Part No. - ISL3886

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880IK INTERSIL-ISL3880IK Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880IK-TK INTERSIL-ISL3880IK-TK Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
More results

Similar Description - ISL3886

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
Intersil Corporation
ISL3874 INTERSIL-ISL3874 Datasheet
390Kb / 33P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor with Mini-PCI
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
logo
OKI electronic componet...
MSM7712 OKI-MSM7712 Datasheet
157Kb / 20P
   Wireless LAN Baseband Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com