Electronic Components Datasheet Search |
|
SN74LV393APWE4 Datasheet(PDF) 6 Page - Texas Instruments |
|
SN74LV393APWE4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 18 page SN54LV393A, SN74LV393A DUAL 4BIT BINARY COUNTERS SCLS457D − FEBRUARY 2001 − REVISED APRIL 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operation free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LV393A SN74LV393A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT fmax CL = 15 pF 75* 130* 65* 65 MHz fmax CL = 50 pF 45 105 35 35 MHz QA 5.1* 13.2* 1* 15.5* 1 15.5 tpd CLK QB 6* 15.8* 1* 18.5* 1 18.5 tpd CLK QC CL = 15 pF 7* 18* 1* 21* 1 21 ns QD CL = 15 pF 7.7* 19.7* 1* 23* 1 23 ns tPHL CLR Qn 5.1* 12.3* 1* 14.5* 1 14.5 QA 6.7 16.7 1 19 1 19 tpd CLK QB 7.8 19.3 1 22 1 22 tpd CLK QC CL = 50 pF 8.7 21.5 1 24.5 1 24.5 ns QD CL = 50 pF 9.5 23.2 1 26.5 1 26.5 ns tPHL CLR Qn 6.8 15.8 1 18 1 18 * On products compliant to MIL-PRF-38535, this parameter is not production tested. switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LV393A SN74LV393A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT fmax CL = 15 pF 125* 185* 105* 105 MHz fmax CL = 50 pF 85 150 75 75 MHz QA 3.7* 8.5* 1* 10* 1 10 tpd CLK QB 4.3* 9.8* 1* 11.5* 1 11.5 tpd CLK QC CL = 15 pF 4.9* 11.2* 1* 13* 1 13 ns QD CL = 15 pF 5.3* 12.5* 1* 14.5* 1 14.5 ns tPHL CLR Qn 3.9* 8.1* 1* 9.5* 1 9.5 QA 4.9 10.5 1 12 1 12 tpd CLK QB 5.6 11.8 1 13.5 1 13.5 tpd CLK QC CL = 50 pF 6.2 13.2 1 15 1 15 ns QD CL = 50 pF 6.6 14.5 1 16.5 1 16.5 ns tPHL CLR Qn 5.2 10.1 1 11.5 1 11.5 * On products compliant to MIL-PRF-38535, this parameter is not production tested. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Similar Part No. - SN74LV393APWE4 |
|
Similar Description - SN74LV393APWE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |