Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3NC-PB2A Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # K3NC-PB2A
Description  Up/Down Counting Meter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3NC-PB2A Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button K3NC-PB2A Datasheet HTML 4Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 5Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 6Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 7Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 8Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 9Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 10Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 11Page - Omron Electronics LLC K3NC-PB2A Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
C-138
Up/Down Counting Meter
K3NC
I Block Diagram
I Rotary Encoder Connection Example
Input circuit
Sensor A
Sensor B
GND
Control input
Frequency measurement circuit
Waveform adjustment circuit
8-bit microcomputer
Control input circuit
Power supply
for sensor
Control power
supply
Control input
circuit
Power supply
circuit
Frequency
measurement
circuit
Waveform
adjustment
circuit
Voltage stabilizing
circuit
Voltage stabilizing
circuit
Voltage stabilizing
circuit
LED
Key
switch
8-bit
microcomputer
Output
circuit
Power supply for
sensor (input circuit)
0 V
Phase A
Phase B
INA/INB
Counts input signals.
Accepts Up/Down (individual or phase difference) inputs.
RESET
Resets the present value to zero.
No counting inputs are accepted when a RESET input is ON.
RESET is lit when a RESET input is ON.
Note: External reset minimum signal width: 16 ms
COMPENSATION
Resets the present counting value to the compensation value at the rising edge of a compensation input. In the
compensation value setting parameter, it is possible to set to “Effective during incrementing and decrementing a
count” or to “Effective only during incrementing a count.”
Note: External compensation input minimum signal width: 16 ms
BANK 1, 2
Selects one of the four banks.
Bank no.
Control input
Bank 1
Bank 2
1OFF
OFF
2ON
OFF
3OFF
ON
4ON
ON
Note: Bank switching minimum signal width: 100 ms max.


Similar Part No. - K3NC-PB2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K3NR ETC1-K3NR Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB1A ETC1-K3NR-NB1A Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB1C ETC1-K3NR-NB1C Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB2A ETC1-K3NR-NB2A Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
K3NR-NB2C ETC1-K3NR-NB2C Datasheet
595Kb / 28P
   High-speed, Intelligent Interface Modules
More results

Similar Description - K3NC-PB2A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
   Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
   Turns-Counting Dial
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
   Turns-Counting Dial
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
   Turns-Counting Dial
logo
WAGO Kontakttechnik Gmb...
753-404 WAGO-753-404 Datasheet
577Kb / 12P
   Up/Down Counter
logo
Texas Instruments
SN54190 TI-SN54190 Datasheet
512Kb / 14P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
   Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Texas Instruments
CD54HC190 TI1-CD54HC190_15 Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SN54190 TI1-SN54190_13 Datasheet
1Mb / 16P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
Microsemi Corporation
TSC373 MICROSEMI-TSC373 Datasheet
1Mb / 4P
   Up-Down Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com