Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2801Y Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC2801Y
Description  Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2801Y Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC2801Y Datasheet HTML 4Page - Texas Instruments TLC2801Y Datasheet HTML 5Page - Texas Instruments TLC2801Y Datasheet HTML 6Page - Texas Instruments TLC2801Y Datasheet HTML 7Page - Texas Instruments TLC2801Y Datasheet HTML 8Page - Texas Instruments TLC2801Y Datasheet HTML 9Page - Texas Instruments TLC2801Y Datasheet HTML 10Page - Texas Instruments TLC2801Y Datasheet HTML 11Page - Texas Instruments TLC2801Y Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TLC2801Z, TLC2801Y
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS116B – JULY 1982 – REVISED SEPTEMBER 1996
3–8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
2 k
VDD –
VO
20
20
+
10 k
VDD +
VDD –
VO
100
+
VI
CL
RL
(see Note A)
NOTE A: CL includes fixture capacitance.
VDD +
Figure 1. Noise-Voltage Test Circuit
Figure 2. Phase-Margin Test Circuit
VDD +
VDD –
VO
+
CL
RL
(see Note A)
VI
VDD +
VDD –
VO
+
NOTE A: CL includes fixture capacitance.
Ground shield
Picoammeters
Figure 3. Slew-Rate Test Circuit
Figure 4. Input-Bias and Offset-
Current Test Circuit
typical values
Typical values as presented in this data sheet represents the median (50% point) of device parametric
performance.
input bias and offset current
At the picoamp bias-current level typical of the TLC2801, accurate measurement of the bias current becomes
difficult. Not only does this measurement require a picoammeter, but test socket leakages can easily exceed
the actual device bias currents. To measure these small currents, Texas Instruments uses a two-step process.
The socket leakage is measured using picoammeters with bias voltage applied but with no device in the socket.
The device is then inserted in the socket and a second test measuring both the socket leakage and the device
input bias current is performed. The two measurements are then subtracted algebraically to determine the bias
current of the device.


Similar Part No. - TLC2801Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2801Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC220X TI1-TLC220X_17 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_08 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_15 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X Datasheet
944Kb / 62P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_07 Datasheet
1,017Kb / 66P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_15 Datasheet
957Kb / 39P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com