Electronic Components Datasheet Search |
|
TLC2801ZD Datasheet(PDF) 6 Page - Texas Instruments |
|
TLC2801ZD Datasheet(HTML) 6 Page - Texas Instruments |
6 / 13 page TLC2801Z, TLC2801Y Advanced LinCMOS ™ LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS116B – JULY 1982 – REVISED SEPTEMBER 1996 3–6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLC2801Z UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VIO Input offset voltage 25 °C 100 500 µV VIO Input offset voltage Full range 1500 µV α VIO Temperature coefficient of input offset voltage Full range 4 µV/°C Input offset voltage long-term drift (see Note 4) VIC =0 RS =50 Ω 25 °C 0.001 0.005 µV/mo IIO Input offset current VIC = 0, RS = 50 Ω 25 °C 0.5 pA IIO Input offset current Full range 3 pA IIB Input bias current 25 °C 1 pA IIB Input bias current Full range 30 pA VICR Common-mode input voltage range RS = 50 Ω Full range –5 to 2.7 V VOH Maximum high level output voltage 25 °C 4.7 4.8 V VOH Maximum high-level output voltage RL =10kΩ Full range 4.4 V VOL Maximum low level output voltage RL = 10 kΩ 25 °C 0 50 mV VOL Maximum low-level output voltage Full range 50 mV VO = 1 V to 4 V, 25 °C 150 315 AVD Large signal differential voltage amplification O , RL = 500 kΩ Full range 50 V/mV AVD Large-signal differential voltage amplification VO = 1 V to 4 V, 25 °C 25 55 V/mV O , RL = 10 kΩ Full range 5 CMRR Common mode rejection ratio VO = 0, VIC = VICRmin, 25 °C 90 110 dB CMRR Common-mode rejection ratio O , IC ICR , RS = 50 Ω Full range 85 dB kSVR Supply voltage rejection ratio ( ∆VDD±/∆VIO) VDD =46Vto16V 25 °C 90 110 dB kSVR Supply-voltage rejection ratio ( ∆VDD±/∆VIO) VDD = 4.6 V to 16 V Full range 85 dB IDD Supply current VO =0 No load 25 °C 1.1 1.5 mA IDD Supply current VO = 0, No load Full range 1.5 mA operating characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST CONDITIONS T † TLC2801Z UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT SR Slew rate unity gain VO = 0.5 V to 2.5 V, 25 °C 1.8 2.5 V/ µs SR Slew rate unity gain RL = 10 kΩ, CL = 100 pF Full range 0.8 V/ µs V Equivalent input noise voltage f = 10 Hz 25 °C 18 35 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz 25 °C 8 15 nV/ √Hz VN(PP) Peak to peak equivalent input noise voltage f = 0.1 to 1 Hz 25 °C 0.5 µV VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 to 10 Hz 25 °C 0.7 µV In Equivalent input noise current 25 °C 0.6 fA/ √Hz Gain-bandwidth product f = 10 kHz, CL = 100 pF RL = 10 kΩ, 25 °C 1.8 MHz φm Phase margin at unity gain RL = 10 kΩ, CL = 100 pF 25 °C 45 ° † Full range is – 40 °C to 150°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
Similar Part No. - TLC2801ZD |
|
Similar Description - TLC2801ZD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |