Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 1N4148
Description  HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

1N4148 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  1N4148 Datasheet HTML 1Page - TRANSYS Electronics Limited 1N4148 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
1N4148
DO-35, 500mW
General purpose applications. Hermetically sealed glass and the glass passivated chip Provides
excellent stability.
ABSOLUTE MAXIMUM RATINGS (Ta=25 deg C otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
VRRM
80
V
Reverse Voltage (Continuous)
VR
75
V
Average Forward Current
IF(AV)
150
mA
Forward Current (DC)
IF
200
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non Repetitive Peak Surge Current tp=1usec
IFSM
2000
mA
tp=1sec
IFSM
500
mA
Power Dissipation
PTA
500
mW
Derating Factor
2.85
mW/deg C
Operating & Storage Junction Temperature
Tj, Tstg
-65 to +200
deg C
Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP MAX
UNIT
Forward Voltage
VF
IF=10mA
-
-
1.0
V
Reverse Current
IR
VR=20V
-
-
500
nA
VR=75V
-
-
20
uA
Reverse Breakdown Voltage
VBR
IR=100uA
80
-
-
V
IR=20uA
75
-
-
V
DYNAMIC CHARACTERISTICS
Diode Capacitance
Cd
VR=0V, f=1MHz
-
-
4.0
pF
Forward Recovery Voltage
Vfr
IF=50mA, tr=20ns
-
-
2.5
V
Reverse Recovery Time
trr
IF=10mA, to IR=60mA
-
-
4.0
ns
RL=100ohms
Measured @ IR=1mA
MARKING: Cathode band
+
4148
( no body coat)
Transys
Electronics
LI M ITE D


Similar Part No. - 1N4148

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Zhaoxingwei Electronics...
1N4148 ZHAOXINGWEI-1N4148 Datasheet
45Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Dc Components
1N4148 DCCOM-1N4148 Datasheet
180Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
More results

Similar Description - 1N4148

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD1N4148 CDIL-CD1N4148 Datasheet
95Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CTZ26 CDIL-CTZ26 Datasheet
213Kb / 4P
   HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CT40 CDIL-CT40 Datasheet
163Kb / 4P
   HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
TRANSYS Electronics Lim...
1N4448 TEL-1N4448 Datasheet
81Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODES AXIAL LEAD
logo
SUNMATE electronic Co.,...
1SS131 SUNMATE-1SS131 Datasheet
167Kb / 2P
   130mA Axial Leaded High Speed Switching Diode
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
   200mA Axial Leaded High Speed Switching Diode
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
   0.5A Axial Leaded High Speed Switching Diode
1SS178 SUNMATE-1SS178 Datasheet
170Kb / 1P
   100mA Axial Leaded High Speed Switching Diode
1SS132 SUNMATE-1SS132 Datasheet
180Kb / 2P
   120mA Axial Leaded High Speed Switching Diode
1SS130 SUNMATE-1SS130 Datasheet
154Kb / 2P
   130mA Axial Leaded High Speed Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com