Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAQ2G330MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UAQ2G330MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UAQ2G330MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UAQ2G330MHD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Safety Performance
Marking
Printed with white color letter on dark brown sleeve.
Performance Characteristics
Item
– 40 ~ +105°C
200 · 400V
10 ~ 220µF
± 20% at 120Hz, 20°C
Measurement frequency:120Hz, Temperature:20°C
Measurement frequency : 120Hz
After storing the capacitors under no load at 105°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
The pressure relief vent will operate in normal conditions, with no dangerous conditons such as flames, ignitions or dispersion of pieces of the capacitor and / or case.
After 1 minute's application of rated voltage, leakage current is 0.04CV+100 (µA) or less.
After an application of D.C. bias voltage plus the rated ripple
current for 2000 hours at 105°C the peak voltage shall not
exceed the rated D.C. voltage, capacitors meet the
characteristic requirements listed at right.
ALUMINUM ELECTROLYTIC CAPACITORS
Improved safety feature for abnormally excessive voltage.
High ripple current product.
Adapted to the RoHS directive (2002/95/EC).
Specifications
Type numbering system (Example : 200V 100µF)
AQ
(Radial Lead Type) series
Wide Temperature Range, Permissible
Abnormal Voltage
BD
P
10
0.5
5.0
Bd 0.6
12.5
0.5
5.0
0.6
16
0.5
7.5
0.8
18
0.5
7.5
0.8
22
1.0
10
1.0
U
1
A
2
Q
3
2
4
D
5
1
6
0
7
1
8
M
9
H
10
D
11 12
Configuration
Capacitance tolerance (±20%)
Rated Capacitance (100µF)
Rated voltage (200V)
Series name
Type
(BD 18) 2.0
(BD >18) 3.0
Size code
L+ MAX.
15MIN
4MIN
Bd
Pressure
relief vent
In case L>25 for B12.5 (D) case sizes,
lead diameter B0.8 (d) will be applied.
Sleeve (P.E.T.)
B D
10
Pb-free leadwire
Pb-free PET sleeve
PD
12.5 ~ 18
HD
22
RD
Configuration
(mm)
Radial Lead Type
Frequency coefficient of rated ripple current
Frequency
Coefficient
50, 60Hz
120Hz
300Hz
1kHz
10kHz ~
0.80
1.00
1.25
1.40
1.60
010
022
033
047
056
068
082
100
150
180
220
100
220
330
470
560
680
820
101
151
181
221
10
× 20
120
10
× 25
160
0.10
× 31.5
195
12.5
× 20.0
160
12.5
× 20.0
195
12.5
× 25.0
210
12.5
× 25.0
250
12.5
× 31.5
285
12.5
× 35.5
335
16
× 20
285
16
× 25
335
0.16
× 31.5
435
0.16
× 35.5
495
18
× 20
335
18
× 25
435
18
× 31.5
495
0.18
× 35.5
575
22
× 20
435
22
× 25
495
12.5
× 20.0
100
12.5
× 31.5
145
12.5
× 40.0
195
16
× 20
145
16
× 25
195
0.16
× 35.5
280
0.16
× 35.5
320
16
× 40
350
18
× 20
195
18
× 25
280
18
× 31.5
320
18
× 35.5
350
18
× 40
420
22
× 20
280
22
× 25
320
200 (2D)
400 (2G)
φ10
φ12.5
φ16
φ18
φ22
φ12.5
φ16
φ18
φ22
φD
Dimensions
Case size
φD×L (mm)
Rated ripple
V(Code)
Code
Cap.(µF)
Rated Ripple (mArms) at 105°C 120Hz
: In case of low profile type, 6 will be put at 12th digit of type numbering system.
: For further low profile product, 3 will be put at 12th digit.
Rated voltage (V)
tan
δ (MAX.)
200
0.15
400
0.15
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.)
200
3
6
400
8
10
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
Initial specified value or less
200% or less of initial specified value
voltage (V)
Test conditions
200
400
Limited DC current
4A
2A
Test Voltage
300VDC and 375VDC
500VDC and 600VDC
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
AQ
AS
Smaller
• Please refer to page 21 about the end seal
configulation.


Similar Part No. - UAQ2G330MHD

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
UAQ02C05L01 LEIDITECH-UAQ02C05L01 Datasheet
1Mb / 3P
   1- Line Bi-directional TVS Diode
Rev : 01.06.2014
UAQ02C05L01-R0.5 LEIDITECH-UAQ02C05L01-R0.5 Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
More results

Similar Description - UAQ2G330MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com