Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6507PW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6507PW
Description  LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6507PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCA6507PW Datasheet HTML 4Page - Texas Instruments TCA6507PW Datasheet HTML 5Page - Texas Instruments TCA6507PW Datasheet HTML 6Page - Texas Instruments TCA6507PW Datasheet HTML 7Page - Texas Instruments TCA6507PW Datasheet HTML 8Page - Texas Instruments TCA6507PW Datasheet HTML 9Page - Texas Instruments TCA6507PW Datasheet HTML 10Page - Texas Instruments TCA6507PW Datasheet HTML 11Page - Texas Instruments TCA6507PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
www.ti.com
Register Descriptions
TCA6507
LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER
WITH INTENSITY CONTROL AND SHUTDOWN
SCPS164B – MAY 2007 – REVISED NOVEMBER 2007
The Select0 register (register 0), Select1 (register 1), and Select2 register (register 2) configure the state of each
of the outputs (see Table 4) .
Table 4. Select2, Select1, and Select0 Register States
SELECT2
SELECT1
SELECT0
STATE
0
0
0
LED off (high impedance)
0
0
1
LED off (high impedance)
0
1
0
LED on steadily with maximum intensity value of PWM0 (ALD value or BRIGHT_F0 value)
0
1
1
LED on steadily with maximum intensity value of PWM1 (ALD value or BRIGHT_F1 value)
1
0
0
LED fully on (output low). Can be used as general-purpose output
1
0
1
LED on at brightness set by One Shot / Master Intensity register
1
1
0
LED blinking with intensity characteristics of BANK0 (PWM0)
1
1
1
LED blinking with intensity characteristics of BANK1 (PWM1)
Table 5. Register 0 (Select0 Register)
BIT
S0-7
S0-6
S0-5
S0-4
S0-3
S0-2
S0-1
S0-0
DEFAULT
X(1)
0
0
0
0
0
0
0
(1)
X = Don't care
Table 6. Register 1 (Select1 Register)
BIT
S1-7
S1-6
S1-5
S1-4
S1-3
S1-2
S1-1
S1-0
DEFAULT
X(1)
0
0
0
0
0
0
0
(1)
X = Don't care
Table 7. Register 2 (Select2 Register)
BIT
S1-7
S1-6
S1-5
S1-4
S1-3
S1-2
S1-1
S1-0
DEFAULT
X(1)
0
0
0
0
0
0
0
(1)
X = Don't care
To use a P port as a general-purpose output, Select1 and Select0 registers must be set low (or 0), then the
inverse of the data written to the Select2 bit appears on the open-drain output.
The intensity of each bank of LEDs can be customized by programming six registers: Fade-On Time, Fully-On
Time, Fade-Off Time, First Fully-Off Time, Second Fully-Off Time, and Maximum Intensity registers. Each bank is
designed to produce two identical intensity pulses per blink cycle. Both pulses have the same fade-on, fully-on
and fade-off times, but independent fully-off times to achieve a double-blink effect when desired.
The Fade-On Time register (register 3) defines the time from the fully-off state to the fully-on state for the LED
per region A in Figure 7. The first four bits (C7–C4) in this register set the fade-on time for BANK1, and the next
four bits (C3–C0) set the fade-on time for BANK0. The data for each bank is a binary number between 0 and 15.
For BANK1, the MSB is bit C7, while the least significant bit (LSB) is bit C4. For BANK0, the MSB is bit C3 while
the LSB is bit C0. See Table 13 for more information.
Table 8. Register 3 (Fade-On Time Register)
BANK
BANK1
BANK0
BIT
C7
C6
C5
C4
C3
C2
C1
C0
DEFAULT
0
1
0
0
0
1
0
0
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TCA6507


Similar Part No. - TCA6507PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507PW TI-TCA6507PW Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PW TI1-TCA6507PW Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA6507PWG4 TI-TCA6507PWG4 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PWG4 TI1-TCA6507PWG4 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA6507PWR TI-TCA6507PWR Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
More results

Similar Description - TCA6507PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com