Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC60UPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4PC60UPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC60UPBF Datasheet(HTML) 6 Page - International Rectifier

  IRG4PC60UPBF Datasheet HTML 1Page - International Rectifier IRG4PC60UPBF Datasheet HTML 2Page - International Rectifier IRG4PC60UPBF Datasheet HTML 3Page - International Rectifier IRG4PC60UPBF Datasheet HTML 4Page - International Rectifier IRG4PC60UPBF Datasheet HTML 5Page - International Rectifier IRG4PC60UPBF Datasheet HTML 6Page - International Rectifier IRG4PC60UPBF Datasheet HTML 7Page - International Rectifier IRG4PC60UPBF Datasheet HTML 8Page - International Rectifier IRG4PC60UPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRG4PC60UPbF
6
www.irf.com
Fig. 12 - Turn-Off SOA
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
20
30
40
50
60
70
80
IC, Collector Current (A)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
RG = 5.0Ω
TJ = 150°C
VGE = 15V
VCC= 480V
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGE = 20V
TJ = 125°
SAFE OPERATING AREA


Similar Part No. - IRG4PC60UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
237Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC60UPBF IRF-IRG4PC60UPBF_15 Datasheet
237Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PC60UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC50UPBF IRF-IRG4PC50UPBF Datasheet
640Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC40UPBF IRF-IRG4PC40UPBF Datasheet
633Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4BC40UPBF IRF-IRG4BC40UPBF Datasheet
226Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-PPBF IRF-IRG4PC60U-PPBF Datasheet
235Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-P IRF-IRG4PC60U-P Datasheet
123Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC30UPBF IRF-IRG4PC30UPBF Datasheet
273Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
logo
Vishay Siliconix
VS-GA200SA60UP VISHAY-VS-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
GA200SA60UP VISHAY-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
logo
International Rectifier
IRGMC50F IRF-IRGMC50F Datasheet
552Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4BC30S-SPBF IRF-IRG4BC30S-SPBF Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com