Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX53A Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BDX53A
Description  NPN PLASTIC POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BDX53A Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BDX53A Datasheet HTML 1Page - TRANSYS Electronics Limited BDX53A Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BDX53, 53A, 53B, 53C
NPN PLASTIC POWER TRANSISTORS
BDX54, 54A, 54B, 54C
PNP PLASTIC POWER TRANSISTORS
Power Darlingtons for Linear and Switching Applications
ABSOLUTE MAXIMUM RATINGS
53 53A 53B 53C
54 54A 54B 54C
Collector-base voltage (open emitter)
VCBO
max. 45
60
80
100
V
Collector-emitter voltage (open base)
VCEO
max. 45
60
80
100
V
Collector current
IC
max.
8.0
A
Total power dissipation up to TC = 25°C Ptot
max.
60
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 3 A; IB = 12 mA
VCEsat
max.
2.0
V
D.C. current gain
IC = 3 A; VCE = 3 V
hFE
min.
750
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
53 53A 53B 53C
54 54A 54B 54C
Collector-base voltage (open emitter)
VCBO
max. 45
60
80
100
V
Collector-emitter voltage (open base)
VCEO
max. 45
60
80
100
V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
BDX53, BDX53A, BDX53B, BDX53C
BDX54, BDX54A, BDX54B, BDX54C
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
MIN .
MAX.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
ODEG 7
1
2
3
4
TO-220 Plastic Package
Transys
Electronics
LI M ITE D


Similar Part No. - BDX53A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX53A MOSPEC-BDX53A Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
New Jersey Semi-Conduct...
BDX53A NJSEMI-BDX53A Datasheet
93Kb / 2P
   DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
BDX53A POINN-BDX53A Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Nanjing International G...
BDX53A DGNJDZ-BDX53A Datasheet
779Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
BDX53A FAIRCHILD-BDX53A Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
More results

Similar Description - BDX53A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
2N5294 CDIL-2N5294 Datasheet
349Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
BF469 CDIL-BF469 Datasheet
118Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
MJE13006 CDIL-MJE13006 Datasheet
336Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
BU406 CDIL-BU406 Datasheet
366Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
MJE13004 CDIL-MJE13004 Datasheet
279Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
TIP47 CDIL-TIP47 Datasheet
359Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
BF457 CDIL-BF457 Datasheet
118Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com