Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX54A Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # BDX54A
Description  NPN PLASTIC POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BDX54A Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  BDX54A Datasheet HTML 1Page - TRANSYS Electronics Limited BDX54A Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Collector current
IC
max.
8.0
A
Collector current (Peak value)
ICM
max.
12
A
Base current
IB
max.
0.2
A
Total power dissipation upto TC=25°C
Ptot
max.
60
W
Derate above 25°C
max.
0.48
W/°C
Junction temperature
Tj
max.
150
°C
Storage temperature
Tstg
–65 to +150
ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
2.08
°C/W
From junction to ambient
Rth j–a
7.0
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
53 53A 53B 53C
54 54A 54B 54C
Collector cutoff current
IB = 0; VCB = 45 V
ICBO
max. 0.2
mA
IB = 0; VCB = 60 V
ICBO
max. –
0.2
mA
IB = 0; VCB = 80 V
ICBO
max. –
0.2
mA
IB = 0; VCB = 100 V
ICBO
max. –
0.2
mA
IB = 0; VCE = 22 V
ICEO
max. 0.5
mA
IB = 0; VCE = 30 V
ICEO
max. –
0.5
mA
IB = 0; VCE = 40 V
ICEO
max. –
0.5
mA
IB = 0; VCE = 50 V
ICEO
max. –
0.5
mA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
2.0
mA
Breakdown voltages
IC = 100 mA; IB = 0
VCEO(sus)* min. 45
60
80
100
V
IC = 1 mA; IE = 0
VCBO
min. 45
60
80
100
V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltages
IC = 3 A; IB = 12 mA
VCEsat*
max.
2.0
V
VBEsat*
max.
2.5
V
D.C. current gain
IC = 3 A; VCE = 3 V
hFE*
min.
750
Small signal current gain
IC = 3 A; VCE = 4 V; f = 1.0 MHz
|hfe|
min.
4.0
Output capacitance f = 1.0 MHz
IE = 0; VCB = 10 V
NPN
Co
max.
300
pF
PNP
Co
max.
200
pF
Parallel-diode forward voltage
IF = 3 A
VF
max.
2.5
V
IF = 8 A
VF
typ.
2.5
V
* Pulse test: pulse width
≤ 300 µs; duty cycle ≤ 2%
BDX53, BDX53A, BDX53B, BDX53C
BDX54, BDX54A, BDX54B, BDX54C


Similar Part No. - BDX54A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX54A MOSPEC-BDX54A Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
Power Innovations Ltd
BDX54A POINN-BDX54A Datasheet
153Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDX54A TRSYS-BDX54A Datasheet
718Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDX54A FAIRCHILD-BDX54A Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
logo
Bourns Electronic Solut...
BDX54A BOURNS-BDX54A Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results

Similar Description - BDX54A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
2N5294 CDIL-2N5294 Datasheet
349Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
BF469 CDIL-BF469 Datasheet
118Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
MJE13006 CDIL-MJE13006 Datasheet
336Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
BU406 CDIL-BU406 Datasheet
366Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
MJE13004 CDIL-MJE13004 Datasheet
279Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
TIP47 CDIL-TIP47 Datasheet
359Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
BF457 CDIL-BF457 Datasheet
118Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com