Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX33D Datasheet(PDF) 3 Page - TRANSYS Electronics Limited

Part # BDX33D
Description  NPN/PNP PLASTIC POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BDX33D Datasheet(HTML) 3 Page - TRANSYS Electronics Limited

  BDX33D Datasheet HTML 1Page - TRANSYS Electronics Limited BDX33D Datasheet HTML 2Page - TRANSYS Electronics Limited BDX33D Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BDX33, 33A, 33B, 33C, 33D
BDX34, 34A, 34B, 34C, 34D
TO-220
Plastic Package
TO-220 Plastic Package
TO-220 Tube Packing
TO-220 / FP
200 pcs/polybag
50 pcs/tube
396 gm/200 pcs
120 gm/50 pcs
3" x 7.5" x 7.5"
3.5" x 3.7" x 21.5"
1.0K
1.0K
17" x 15" x 13.5"
19" x 19" x 19"
16.0K
10.0K
36 kgs
29 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
6.87
13.74
End Pin
Tube Thickness
DEVICE NAME
Label
536.00
±1.5
50 Pcs./Tube
Sr.
QTY.
All Dimensions in mm
AMMO PACK SIZE
20 Tubes/Ammo Pack
1000 Pcs./Ammo Pack
DEV
ICE
NAM
E
Sr.
Qty
.
Label
538
.00
75.0
All diminsions in mm.
DIM
MIN
MAX
N
O
B
C
D
E
F
G
H
J
K
L
M
A
14.42
16.51
9.63
10.67
3.56
4.83
0.90
1.15
1.40
3.75
3.88
2.29
2.79
2.54
3.43
0.56
12.70
14.73
2.80
4.07
2.03
2.92
31.24
7 DEG
Pin Configuration
1. Base
2. Collector
3. Emitter
4. Collector
3
2
1
4
C
E
J
M
1
2
3
B
F
D
G


Similar Part No. - BDX33D

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDX33D POINN-BDX33D Datasheet
128Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDX33D BOURNS-BDX33D Datasheet
112Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33D MCC-BDX33D Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
logo
Continental Device Indi...
BDX33D CDIL-BDX33D Datasheet
188Kb / 4P
   NPN/PNP PLASTIC POWER TRANSISTORS
logo
Bourns Electronic Solut...
BDX33D BOURNS-BDX33D Datasheet
97Kb / 5P
   Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
More results

Similar Description - BDX33D

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6486 BOCA-2N6486 Datasheet
26Kb / 2P
   NPN/PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BDX33 CDIL-BDX33 Datasheet
188Kb / 4P
   NPN/PNP PLASTIC POWER TRANSISTORS
CSB857 CDIL-CSB857 Datasheet
82Kb / 3P
   PNP / NPN PLASTIC POWER TRANSISTORS
logo
SeCoS Halbleitertechnol...
MMDT4413 SECOS-MMDT4413 Datasheet
1Mb / 5P
   NPN - PNP Plastic-Encapsulated Transistors
logo
TECH PUBLIC Electronics...
TPMMDT5451 TECHPUBLIC-TPMMDT5451 Datasheet
1Mb / 4P
   NPNPNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT4413 MCC-MMDT4413 Datasheet
385Kb / 6P
   NPN/PNP Plastic-Encapsulate Transistors
MMDT5451 MCC-MMDT5451 Datasheet
392Kb / 3P
   NPN/PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT3946 TECHPUBLIC-MMDT3946 Datasheet
1Mb / 4P
   NPNPNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5451 MCC-MMDT5451_13 Datasheet
446Kb / 3P
   NPN/PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
TPMMDT3946 TECHPUBLIC-TPMMDT3946 Datasheet
1Mb / 4P
   NPNPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com