Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTRS-7610ACG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # BTRS-7610ACG
Description  1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-7610ACG Datasheet(HTML) 3 Page - Optoway Technology Inc

  BTRS-7610ACG Datasheet HTML 1Page - Optoway Technology Inc BTRS-7610ACG Datasheet HTML 2Page - Optoway Technology Inc BTRS-7610ACG Datasheet HTML 3Page - Optoway Technology Inc BTRS-7610ACG Datasheet HTML 4Page - Optoway Technology Inc BTRS-7610ACG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
BTRS-7610CG
**********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V2.0
3
CONNECTION DIAGRAM
PIN
Symbol
Notes
1
VEEr
Directly connect this pin to the receiver ground plane
2
VCC r
+3.3V dc power for the receiver section
3
SD
Active high on this indicates a received optical signal.
4
RD
Receiver Dataout Bar. See recommended circuit schematic
5
RD+
Receiver Dataout. See recommended circuit schematic
6
VCC t
+3.3V dc power for the transmitter section
7
VEEt
Directly connect this plan to the transmitter ground plane
8
TxDis
Transmitter Disable. Connect this pin to +3.3V TTL logic “1” to disable module
To enable module connect to TTL logic low “0”
9
TD+
Transmitter Data In. See recommended circuit schematic
10
TD-
Transmitter Data In Bar. See recommended circuit schematic
MS
MS
Mounting Studs. Connect to Chassis Ground
RECOMMENDED CIRCUIT SCHEMATIC
BTRS-7XXXC
TXDis(LVTTL)
Z=5OR
Z=50R
1uH
10uF
10nF
10uF
10nF
Vcc3.3V
130R
130R
1uH
10uF
10nF
Z=5OR
Z=50R
PHY DEVICE
TD-
TD+
RD+
RD-
SD
100R
Vcc3.3V
LVPECL
Vcc3.3V
LVPECL
terminate and bias inside Transceiver module
TO LVTTL STAGE
depend on customer's PHY
depend on customer's PHY


Similar Part No. - BTRS-7610ACG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-7610ACG OPTOWAY-BTRS-7610ACG Datasheet
118Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTRS-7610ACG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-7640CG OPTOWAY-BTRS-7640CG Datasheet
118Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7720CG OPTOWAY-BTRS-7720CG_09 Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7740CG OPTOWAY-BTRS-7740CG Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7640CG OPTOWAY-BTRS-7640CG_09 Datasheet
119Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7740CG OPTOWAY-BTRS-7740CG_09 Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7760CG OPTOWAY-BTRS-7760CG_09 Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7660CG OPTOWAY-BTRS-7660CG Datasheet
117Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7620CG OPTOWAY-BTRS-7620CG Datasheet
118Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7760CG OPTOWAY-BTRS-7760CG Datasheet
117Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7660CG OPTOWAY-BTRS-7660CG_09 Datasheet
119Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7710CG OPTOWAY-BTRS-7710CG Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com