Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTRS-7720CG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # BTRS-7720CG
Description  1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-7720CG Datasheet(HTML) 2 Page - Optoway Technology Inc

  BTRS-7720CG Datasheet HTML 1Page - Optoway Technology Inc BTRS-7720CG Datasheet HTML 2Page - Optoway Technology Inc BTRS-7720CG Datasheet HTML 3Page - Optoway Technology Inc BTRS-7720CG Datasheet HTML 4Page - Optoway Technology Inc BTRS-7720CG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
BTRS-7720CG
**********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V2.0
2
Transmitter Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3. 47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
-8
-3
dBm
1
Output Center Wavelength
λ
1480
1580
nm
Output Spectrum Width
σλ
1
nm
-20 dB Width
Extinction Ratio
ER
9
dB
Output Eye
Compliant with IEEE 802.3z
Optical Rise Time
tr
0.26
ns
20% to 80% Values
Optical Fall Time
tf
0.26
ns
20% to 80% Values
Relative Intensity Noise
RIN
-120
dB/Hz
Total Jitter
TJ
0.227
ns
2
Electrical
Data Input Current – Low
IIL
-350
µA
Data Input Current – High
IIH
350
µA
Differential Input Voltage
VIH - VIL
300
1600
mV
Data Input Voltage – Low
VIL - VCC
-2.0
-1.58
V
3
Data Input Voltage -- High
VIH - VCC
-1.1
-0.74
V
3
Disable Input Voltage -- Low
VTDIS,L
0
0.8
V
TX Output Enabled
Disable Input Voltage -- High
VTDIS,H
Vcc – 1.3
Vcc
V
TX Ouput Disabled
Shut Off Time for TxDis
tDIS
1
ms
Notes: 1. Output power is power coupled into a 9/125
µm single mode fiber.
2. Measured with a 2
7-1 PRBS.
3. These inputs are compatible with 10K, 10KH and 100K ECL and LVPECL inputs.
Receiver Specifications (0
oC < Topr < 70oC, 3.13 V < Vcc < 3. 47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity
---
---
---
-22
dBm
1
Maximum Input Power
Pin
-3
---
---
dBm
Signal Detect -- Asserted
Pa
---
---
-22
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-31
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1.0
---
dB
Wavelength of Operation
1260
1360
nm
2
Optical Return Loss
ORL
20
dB
Electrical
Data Output Voltage Swing
VOH – VOL
0.575
0.930
V
SD Output Voltage -- Low
VOL
0
0.8
V
SD Output Voltage -- High
VOH
2.0
Vcc+0.3
V
Signal Detect Assert Time
ASMAX
100
µs
OFF to ON
Signal Detect Deassert Time
ANSMAX
300
µs
ON to OFF
Notes: 1. Minimum sensitivity and saturation levels at BER 1E-12 for a 2
7-1 PRBS.
2. At least 30 dB optical isolation for the wavelength 1480 to 1580 nm.


Similar Part No. - BTRS-7720CG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-7720CG OPTOWAY-BTRS-7720CG Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7720CG OPTOWAY-BTRS-7720CG_09 Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTRS-7720CG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-7640CG OPTOWAY-BTRS-7640CG Datasheet
118Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7720CG OPTOWAY-BTRS-7720CG_09 Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7740CG OPTOWAY-BTRS-7740CG Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7640CG OPTOWAY-BTRS-7640CG_09 Datasheet
119Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7740CG OPTOWAY-BTRS-7740CG_09 Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7760CG OPTOWAY-BTRS-7760CG_09 Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7660CG OPTOWAY-BTRS-7660CG Datasheet
117Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7620CG OPTOWAY-BTRS-7620CG Datasheet
118Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7760CG OPTOWAY-BTRS-7760CG Datasheet
117Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7660CG OPTOWAY-BTRS-7660CG_09 Datasheet
119Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7710CG OPTOWAY-BTRS-7710CG Datasheet
118Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com